Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP08089 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP08089
Description  SAW Filter 2530.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP08089 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP08089 Datasheet HTML 1Page - Golledge Electronics Ltd MP08089 Datasheet HTML 2Page - Golledge Electronics Ltd MP08089 Datasheet HTML 3Page - Golledge Electronics Ltd MP08089 Datasheet HTML 4Page - Golledge Electronics Ltd MP08089 Datasheet HTML 5Page - Golledge Electronics Ltd MP08089 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 2530.0MHz
Model: TA1683A
Part No: MP08089
Rev No: 1
TA1683A v1
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device (ESD)
1. Input Power Level: 10dBm
2. DC Voltage: 3V
3. Operating Temperature: -40°C to +85°C (1)
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
1. Terminating source impedance: ZS = 50Ω
2. Terminating load impedance: ZL = 50Ω
 
Item
Unit
Min.
Typ.(2)
Max.
Note
Center Frequency Fc
MHz
-
2530
-
-
Max. Insertion Loss (2520 ~ 2540MHz) IL
dB
-
1.3
3.0
-
Passband ripple (2520 ~ 2540MHz)
dB
-
0.3
1.5
-
S11 & S22 VSWR
-
1.3
2.1
Attenuation
10 ~ 2380MHz
dB
33
35
-
-
2380 ~ 2420MHz
dB
40
44
-
-
2640 ~ 2660MHz
dB
50
56
-
-
2660 ~ 4500MHz
dB
30
33
-
-
Package size
mm
SMD 3.0 x 3.0
Temp Coefficient
ppm/K
-36
-
Notes:
(1). In production, devices will be tested at room temperature to a guardbanded
specification to ensure electrical compliance over temperature.
(2). Typical values are based on average measurements at room temperature.


Similar Part No. - MP08089

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP08088 GOLLEDGE-MP08088 Datasheet
446Kb / 7P
SAW Filter 1864.0MHz
More results

Similar Description - MP08089

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com