Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14C89AMX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS14C89AMX/NOPB
Description  Quad CMOS Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS14C89AMX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  DS14C89AMX/NOPB Datasheet HTML 1Page - Texas Instruments DS14C89AMX/NOPB Datasheet HTML 2Page - Texas Instruments DS14C89AMX/NOPB Datasheet HTML 3Page - Texas Instruments DS14C89AMX/NOPB Datasheet HTML 4Page - Texas Instruments DS14C89AMX/NOPB Datasheet HTML 5Page - Texas Instruments DS14C89AMX/NOPB Datasheet HTML 6Page - Texas Instruments DS14C89AMX/NOPB Datasheet HTML 7Page - Texas Instruments DS14C89AMX/NOPB Datasheet HTML 8Page - Texas Instruments DS14C89AMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS14C89A
SNLS081C – MAY 1998 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VCC
+6V
Input Voltage
−30V to +30V
Receiver Output Voltage
(VCC) +0.3V to GND−0.3V
Junction Temperature
+150°C
NFF0014A Package
1513 mW
Continuous Power Dissipation @ +25°C(3)
D Package
1063 mW
Lead Temp.
(Soldering 4 seconds)
+260°C
Storage Temp. Range
−65°C to +150°C
ESD Rating
≥ 1.8 kV, Typically ≥ 2 kV (HMB, 1.5 kΩ, 100 pF)
(1)
Absolute Maximum Ratings are those values beyond which the safety of the device cannot be ensured. They are not meant to imply that
the devices should be operated at these limits. The tables of AC Electrical Characteristics specify conditions for device operation.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Derate NFF0014A Package 12.1 mW/°C, and D Package 8.5 mW/°C above +25°C.
Recommended Operating Conditions
Min
Max
Units
VCC (GND = 0V)
+4.5
+5.5
V
Operating Free Air Temp. (TA)
DS14C89A
0
+75
°C
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS14C89A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com