Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN64N50P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN64N50P
Description  PolarHVTM HiPerFETPower MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN64N50P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN64N50P Datasheet HTML 1Page - IXYS Corporation IXFN64N50P Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2005 IXYS All rights reserved
DS99349(02/05)
PolarHVTM HiPerFET
Power MOSFET
IXFN 64N50P
V
DSS
=
500 V
I
D25
=
64
A
R
DS(on)
≤≤≤≤≤
85 m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 250 ns
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Features
International standard packages
Fast recovery diode
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
V
DSS
V
GS
= 0 V, I
D = 250 µA
500
V
V
GS(th)
V
DS
= V
GS, ID = 8 mA
2.5
5.0
V
I
GSS
V
GS
=
±30 V
DC, VDS = 0
±100
nA
I
DSS
V
DS
= V
DSS
25
µA
V
GS = 0 V
T
J = 125°C
250
µA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 ID25
85
m
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
500
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C
= 25
°C64
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
150
A
I
AR
T
C
= 25
°C64
A
E
AR
T
C
= 25
°C70
mJ
E
AS
T
C
= 25
°C
2.0
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
20
V/ns
T
J
≤ 150°C, R
G = 4 Ω
P
D
T
C
= 25
°C
700
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
1.13/10 Nm/lb.in.
V
ISOL
50/60 Hz
t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque
1.5/13 Nm/lb.in.
Terminal connection torque (M4)
1.5/13 Nm/lb.in.
Weight
SOT-227B
30
g
Preliminary Data Sheet
G = Gate
D = Drain
S = Source
Either Source terminal S can be used as the
Source terminal or the Kelvin Source (gate
return) terminal.
G
D
S
S
miniBLOC, SOT-227 B (IXFN)
E153432


Similar Part No. - IXFN64N50P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN64N50PD2 IXYS-IXFN64N50PD2 Datasheet
150Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN64N50PD3 IXYS-IXFN64N50PD3 Datasheet
150Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN64N50P IXYS-IXFN64N50P_09 Datasheet
121Kb / 4P
Polar Power MOSFET HiPerFET
More results

Similar Description - IXFN64N50P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA3N60P IXYS-IXTA3N60P Datasheet
227Kb / 4P
PolarHVTM Power MOSFET
IXTQ22N50P IXYS-IXTQ22N50P Datasheet
203Kb / 5P
PolarHVTM Power MOSFET
IXTP14N60P IXYS-IXTP14N60P Datasheet
166Kb / 5P
PolarHVTM Power MOSFET
IXTQ22N60P IXYS-IXTQ22N60P Datasheet
320Kb / 5P
PolarHVTM Power MOSFET N-Channel Enhancement Mode
IXFH30N60P IXYS-IXFH30N60P Datasheet
330Kb / 5P
PolarHVTM HiPerFET Power MOSFET N-Channel Enhancement Mode
IXFX64N60P IXYS-IXFX64N60P Datasheet
175Kb / 5P
PolarHVTM HiPerFET Power MOSFET
IXTP5N60P IXYS-IXTP5N60P Datasheet
125Kb / 4P
PolarHVTM Power MOSFET
IXTQ26N50P IXYS-IXTQ26N50P Datasheet
343Kb / 5P
PolarHVTM Power MOSFET
IXFP5N50PM IXYS-IXFP5N50PM Datasheet
111Kb / 2P
PolarHVTM HiPerFET Power MOSFET
IXTP2R4N50P IXYS-IXTP2R4N50P Datasheet
95Kb / 6P
PolarHVTM Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com