Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP07600 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07600
Description  SAW Filter 1820.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07600 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07600 Datasheet HTML 1Page - Golledge Electronics Ltd MP07600 Datasheet HTML 2Page - Golledge Electronics Ltd MP07600 Datasheet HTML 3Page - Golledge Electronics Ltd MP07600 Datasheet HTML 4Page - Golledge Electronics Ltd MP07600 Datasheet HTML 5Page - Golledge Electronics Ltd MP07600 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1820.0MHz
Model: TA1905A
Part No: MP07600
Rev No: 1
TA1905A v1
1
A. MAXIMUM RATING:
Electrostatic Sensitive Device (ESD)
1. Input Power Level: 15dBm
2. DC voltage: 5V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -55°C to +95°C
5. ESD Voltage: 50V (Machine model)
6. ESD Voltage: 250V (Human body model)
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
1820
-
Insertion Loss (1790 ~ 1850MHz) IL
dB
-
3
4
Amplitude Ripple (1790 ~ 1850MHz)
dB
-
1.8
2.5
Return Loss (1790 ~ 1850MHz)
dB
7
7.8
-
Attenuation (Reference level from 0dB)
10 ~ 1730MHz
dB
27
31
-
1910 ~ 3000MHz
dB
30
37
-
Temperature coefficient of frequency
ppm/k
-
-36
-


Similar Part No. - MP07600

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
MP0760-100 LSTD-MP0760-100 Datasheet
70Kb / 1P
cosmetic specification refer to wl-qa-038
MP0760-100 LSTD-MP0760-100 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
logo
Golledge Electronics Lt...
MP07604 GOLLEDGE-MP07604 Datasheet
222Kb / 6P
SAW Filter 1575.420MHz
More results

Similar Description - MP07600

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MP05724 GOLLEDGE-MP05724 Datasheet
168Kb / 6P
SAW Filter 1820.0MHz
logo
Transko Electronics, In...
TD-172501-S34 TRANSKO-TD-172501-S34 Datasheet
520Kb / 5P
SAW Duplexer For 1725.0 MHz / 1820.0MHz
Revision 0: September 2013
TD-172502-S34 TRANSKO-TD-172502-S34 Datasheet
533Kb / 5P
SAW Duplexer For 1725.0 MHz / 1820.0MHz
Revision 0: September 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com