Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK Datasheet(PDF) 2 Page - Nichicon corporation

Part # PCK
Description  Chip Type, Ultra-low ESR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCK Datasheet(HTML) 2 Page - Nichicon corporation

  PCK Datasheet HTML 1Page - Nichicon corporation PCK Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
44
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCK
Dimensions
Taping specifications are given in page 23.
Recommended land size, soldering by reflow are given in page 18, 19.
Please refer to page 3 for the minimum order quantity.
Rated ripple current (mArms) at 105°C 100kHz
Rated Capacitance
(µF)
Rated Voltage
(V)(code)
Surge Voltage
(V)
Leakage Current
(µA)
ESR (m )
(at 100kHz 20°C)
Rated Ripple
(mArms)
tan δ
Part Number
Case Size
φD × L (mm)
2.5
(0E)
6.3
(0J)
4
(0G)
2.8
7.2
4.6
390
560
680
1200
2200
330
470
560
1000
1800
220
330
390
820
1500
293
420
510
900
1650
396
564
672
1200
2160
416
624
737
1550
2835
10
9
9
9
8
10
9
9
9
8
10
9
9
9
8
3900
4500
4500
5000
6000
3900
4500
4500
5000
6000
3900
4500
4500
5000
6000
PCK0E391MCO1GS
PCK0E561MCO1GS
PCK0E681MCO1GS
PCK0E122MCO1GS
PCK0E222MCO1GS
PCK0G331MCO1GS
PCK0G471MCO1GS
PCK0G561MCO1GS
PCK0G102MCO1GS
PCK0G182MCO1GS
PCK0J221MCO1GS
PCK0J331MCO1GS
PCK0J391MCO1GS
PCK0J821MCO1GS
PCK0J152MCO1GS
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
6.3 × 6
8 × 7
8 × 7
10 × 8
10 × 10
6.3 × 6
8 × 7
8 × 7
10 × 8
10 × 10
6.3 × 6
8 × 7
8 × 7
10 × 8
10 × 10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com