Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCL Datasheet(PDF) 2 Page - Nichicon corporation

Part # PCL
Description  Chip Type, Higher Capacitance LongLife Assurance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCL Datasheet(HTML) 2 Page - Nichicon corporation

  PCL Datasheet HTML 1Page - Nichicon corporation PCL Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCL
Dimensions
Rated Capacitance
(µF)
Rated Voltage
(V)
(code)
Surge Voltage
(V)
Leakage Current
(µA)
ESR
(m )
(at 100kHz 20°C)
Rated Ripple
(mArms)
(105°C / 100kHz)
tan δ
Part Number
Case Size
φD × L (mm)
4
(0G)
16
(1C)
10
(1A)
6.3
(0J)
4.6
18.4
11.5
7.2
150
180
390
560
1200
1800
2200
2700
47
220
330
680
1000
1800
33
68
120
150
470
820
1200
22
39
82
120
270
390
470
680
300
360
312
448
960
1440
1760
2160
148
277
415
856
1260
2268
165
340
240
300
940
1640
2400
176
124
262
384
864
1248
1504
2176
25
25
24
22
15
14
12
11
30
22
14
12
11
10
70
30
30
21
17
15
13
90
37
30
27
20
18
16
14
2100
2300
2700
3200
5400
5500
5400
5600
1900
2500
3900
4600
4800
5500
1100
1900
2700
2880
3800
4300
4800
1000
2000
2700
2900
3600
3900
4200
4700
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
5×6
5×6
6.3×6
8×7
8×10
8×12
10×10
10×12.7
5×6
6.3×6
8×7
8×10
8×12
10×12.7
5×6
5×6
6.3×6
8×7
8×10
10×10
10×12.7
5×6
6.3×6
6.3×6
8×7
8×10
8×12
10×10
10×12.7
PCL0G151MCL1GS
PCL0G181MCL1GS
PCL0G391MCL1GS
PCL0G561MCL1GS
PCL0G122MCL1GS
PCL0G182MCL1GS
PCL0G222MCL1GS
PCL0G272MCL1GS
PCL0J470MCL1GS
PCL0J221MCL1GS
PCL0J331MCL1GS
PCL0J681MCL1GS
PCL0J102MCL1GS
PCL0J182MCL1GS
PCL1A330MCL1GS
PCL1A680MCL1GS
PCL1A121MCL1GS
PCL1A151MCL1GS
PCL1A471MCL1GS
PCL1A821MCL1GS
PCL1A122MCL1GS
PCL1C220MCL1GS
PCL1C390MCL1GS
PCL1C820MCL1GS
PCL1C121MCL1GS
PCL1C271MCL1GS
PCL1C391MCL1GS
PCL1C471MCL1GS
PCL1C681MCL1GS
October 2018



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com