Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS Datasheet(PDF) 2 Page - Nichicon corporation

Part # PCS
Description  Chip Type, LongLife Assurance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCS Datasheet(HTML) 2 Page - Nichicon corporation

  PCS Datasheet HTML 1Page - Nichicon corporation PCS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
48
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCS
Dimensions
Taping specifications are given in page 23.
Recommended land size, soldering by reflow are given in page 18, 19.
Please refer to page 3 for the minimum order quantity.
Rated ripple current (mArms) at 105°C 100kHz
Rated Capacitance
(µF)
Rated Voltage
(V)(code)
Surge Voltage
(V)
Leakage Current
(µA)
ESR (m )
(at 100kHz 20°C)
Rated Ripple
(mArms)
tan δ
Part Number
Case Size
φD × L (mm)
4
(0G)
16
(1C)
10
(1A)
6.3
(0J)
4.6
18.4
11.5
7.2
150
330
330
560
47
100
100
120
220
220
390
33
56
68
120
150
270
22
39
39
68
82
120
120
264
264
448
100
126
126
151
277
277
491
100
112
136
240
300
540
100
125
125
218
262
384
25
20
22
18
35
25
22
22
20
22
22
40
27
30
27
30
22
45
35
30
30
28
28
2200
2800
3200
3600
1600
2400
2800
2800
2800
3200
3200
1300
2300
2100
2300
2600
3200
1100
2000
2200
2200
2800
2800
PCS0G151MCL1GS
PCS0G331MCL1GS
PCS0G331MCL9GS
PCS0G561MCL1GS
PCS0J470MCL1GS
PCS0J101MCL1GS
PCS0J101MCL9GS
PCS0J121MCL9GS
PCS0J221MCL1GS
PCS0J221MCL9GS
PCS0J391MCL1GS
PCS1A330MCL1GS
PCS1A560MCL9GS
PCS1A680MCL1GS
PCS1A121MCL1GS
PCS1A151MCL9GS
PCS1A271MCL1GS
PCS1C220MCL1GS
PCS1C390MCL1GS
PCS1C390MCL9GS
PCS1C680MCL1GS
PCS1C820MCL9GS
PCS1C121MCL1GS
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
5 × 6
6.3 × 6
8 × 7
8 × 7
5 × 6
5 × 6
6.3 × 6
6.3 × 6
6.3 × 6
8 × 7
8 × 7
5 × 6
6.3 × 6
5 × 6
6.3 × 6
8 × 7
8 × 7
5 × 6
5 × 6
6.3 × 6
6.3 × 6
8 × 7
8 × 7
No marked, 1 will be put at 12th digit of type numbering system.
: In this case, 9 will be put at 12th digit of type numbering system.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com