Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLE Datasheet(PDF) 2 Page - Nichicon corporation

Part # PLE
Description  Radial Lead Type, Ultra-low ESR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PLE Datasheet(HTML) 2 Page - Nichicon corporation

  PLE Datasheet HTML 1Page - Nichicon corporation PLE Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
59
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PLE
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Rated ripple current (mArms) at 105°C 100kHz
Dimensions
2.5
(0E)
2.8
6.3
(0J)
7.2
4
(0G)
4.6
560
820
820
1000
1500
560
680
820
1200
470
680
820
280
410
410
500
750
448
544
656
960
592
857
1033
5
5
5
5
5
5
5
5
5
5
5
5
6100
6300
6600
7100
7300
6000
6500
7000
7200
6400
6700
6800
PLE0E561MCO1
PLE0E821MCO6
PLE0E821MDO1
PLE0E102MDO1
PLE0E152MDO1
PLE0G561MCO1
PLE0G681MDO1
PLE0G821MDO1
PLE0G122MDO1
PLE0J471MDO1
PLE0J681MDO1
PLE0J821MDO1
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
8 × 9
8 × 9
8 × 12
10 × 13
10 × 13
8 × 9
8 × 12
10 × 13
10 × 13
8 × 12
10 × 13
10 × 13
Rated Capacitance
(µF)
Rated Voltage
(V)
Code
Surge Voltage
(V)
Leakage Current
(µA)
ESR (m )
(at 100kHz 20°C)
Rated Ripple
(mArms)
tan δ
Part Number
Case Size
φD × L (mm)
: In this case, 6 will be put at 12th digit of type numbering system.
No marked, 1 will be put at 12th digit of type numbering system.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com