Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLF Datasheet(PDF) 1 Page - Nichicon corporation

Part # PLF
Description  Radial Lead Type, Standard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PLF Datasheet(HTML) 1 Page - Nichicon corporation

  PLF Datasheet HTML 1Page - Nichicon corporation PLF Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
56
CAT.8100H
PLF
Specifications
Temperature Characteristics
(Max.Impedance Ratio)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Tangent of loss angle (tan δ)
ESR ( 1)
Leakage Current ( 2)
Performance Characteristics
Item
–55 to +105°C
2.5 to 25V
6.8 to 1500µF
± 20% at 120Hz, 20°C
Less than or equal to the specified value at 120Hz, 20°C
Less than or equal to the specified value at 100kHz, 20°C
Less than or equal to the specified value. After 2 minutes' application of rated voltage at 20°C
Z+105°C / Z+20°C
1.25
(100kHz)
Z
–55°C / Z+20°C
1.25
Endurance
Damp Heat
(Steady State)
Resistance to
Soldering Heat
Marking
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 2000 hours at 105°C.
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 1000 hours at 60°C, 90% RH.
After soldering the capacitor under the soldering conditions
prescribed here as preheat at 150 to 200°C for 60 to 180 seconds
and peak temperature at 265°C for 10 seconds or less, the
capacitor shall meet the specifications listed at right, provided that
its temperature profile is measured at both of terminal ends facing
the soldering side.
Navy blue print on the case top
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of the initial capacitance value ( 3)
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of the initial capacitance value ( 3)
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 10% of the initial capacitance value ( 3)
130% or less than the initial specified value
130% or less than the initial specified value
Less than or equal to the initial specified value
Low ESR, High ripple current.
Load life of 2000 hours at 105°C.
Radial lead type :
Lead free flow soldering condition correspondence.
Compliant to the RoHS directive (2011/65/EU).
AEC-Q200 compliant. Please contact us for details.
1 ESR should be measured at both of the terminal ends closest to the capacitor body.
2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of applying DC rated voltage continuously to the capacitor for 120
minutes at 105°C.
3 Initial value : The value before test of examination of resistance to soldering.
P
1
L
2
F
3
0
4
G
5
5
6
6
7
1
8
M
9
D
10
O
11
1
12
Configuration
Size code
Capacitance tolerance (±20%)
Rated capacitance (560µF)
Rated voltage (4V)
Series name
Type
L+0.5MAX.
15MIN
4MIN
Resin coated Case
φd
Capacitance
Series
Lot. No.
Voltage(g:4V)
Dimensions
Type numbering system (Example : 4V 560µF)
Radial Lead Type, Standard
Dimension table in next page.
Please refer to page 20 about the end seal configuration.
Voltage
V
2.5
4
6.3 10 16
20
25
Code
e
g
j
A
C
D
E
Size
φD
L
P
φd
φ8
× 9L
8.0
8.5
3.5
0.6
φ8
× 12L
8.0
11.5
3.5
0.6
φ10
× 8L
10.0
7.5
5.0
0.6
φ8
× 7L
8.0
6.5
3.5
0.6
φ6.3
× 10.5L
6.3
10.0
2.5
0.5
φ6.3
× 6L
6.3
5.5
2.5
0.45
φ6.3
× 9L
6.3
8.5
2.5
0.6
φ10
× 10L
10.0
9.5
5.0
0.6
φ10
× 13L
10.0
12.5
5.0
0.6
(mm)
PLF
Long Life
Low ESR
PLS
PLE
Higher
Capacitance
PLG
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
Frequency coefficient of rated ripple current
0 Frequency0/
Coefficient
120Hz 1kHz 10kHz 100kHz or more
0.05
0.30
0.70
1.00


Similar Part No. - PLF

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PLF-10D1 ADAM-TECH-PLF-10D1 Datasheet
92Kb / 1P
EMI/RFI POWER LINE FILTERS MEDIUM OUTLINE CHASSIS MOUNT
PLF-10D32 ADAM-TECH-PLF-10D32 Datasheet
96Kb / 1P
EMI/RFI POWER LINE FILTERS SMALL OUTLINE CHASSIS MOUNT
PLF-10DZ2 ADAM-TECH-PLF-10DZ2 Datasheet
91Kb / 1P
EMI/RFI POWER LINE FILTERS INLET SOCKET WITH FLANGE MOUNTING
PLF-10DZ2KR ADAM-TECH-PLF-10DZ2KR Datasheet
93Kb / 1P
EMI/RFI POWER LINE FILTERS
PLF-10DZ2R ADAM-TECH-PLF-10DZ2R Datasheet
94Kb / 1P
EMI/RFI POWER LINE FILTERS FUSED INLET SOCKET WITH FLANGE MOUNTING
More results

Similar Description - PLF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA0JM221 PANASONIC-ECA0JM221 Datasheet
308Kb / 5P
Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
Radial Lead Type
ECEA0GKN101 PANASONIC-ECEA0GKN101 Datasheet
103Kb / 2P
Radial Lead Type
EEUEB1A101 PANASONIC-EEUEB1A101_08 Datasheet
157Kb / 2P
Radial Lead Type
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
Radial Lead Type
EEU-FM1C102 PANASONIC-EEU-FM1C102 Datasheet
96Kb / 4P
Radial Lead Type
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
Radial Lead Type
EEU-FC1H100 PANASONIC-EEU-FC1H100 Datasheet
208Kb / 10P
Radial Lead Type
EEU-FC1V221L PANASONIC-EEU-FC1V221L Datasheet
208Kb / 10P
Radial Lead Type
EEU-FC1V470 PANASONIC-EEU-FC1V470 Datasheet
208Kb / 10P
Radial Lead Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com