Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLS Datasheet(PDF) 2 Page - Nichicon corporation

Part # PLS
Description  Radial Lead Type, Long Life Assurance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PLS Datasheet(HTML) 2 Page - Nichicon corporation

  PLS Datasheet HTML 1Page - Nichicon corporation PLS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
63
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PLS
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Rated ripple current (mArms) at 105°C 100kHz
Dimensions
2.5
(0E)
16
(1C)
10
(1A)
6.3
(0J)
4
(0G)
2.8
18.4
11.5
7.2
4.6
330
680
820
820
820
1500
270
560
560
680
1200
330
390
470
560
560
820
150
270
470
100
270
330
470
500
340
500
410
410
750
500
448
448
544
960
416
491
592
706
706
1033
300
540
940
320
864
1056
1504
8
15
8
7
7
8
8
15
7
7
8
20
15
7
9
8
8
20
8
8
24
9
9
9
4800
3900
4800
5200
5800
5500
4800
3900
5200
5800
5500
3000
3900
5500
4300
5000
5500
3000
4900
5500
2800
4500
4700
4700
PLS0E331MCO8
PLS0E681MCL2
PLS0E821MCO8
PLS0E821MCO6
PLS0E821MDO1
PLS0E152MDO1
PLS0G271MCO8
PLS0G561MCL2
PLS0G561MCO6
PLS0G681MDO1
PLS0G122MDO1
PLS0J331MDL4
PLS0J391MCL2
PLS0J471MDO1
PLS0J561MCO8
PLS0J561MCO6
PLS0J821MDO1
PLS1A151MDL4
PLS1A271MDO1
PLS1A471MDO1
PLS1C101MDL4
PLS1C271MDO1
PLS1C331MDO1
PLS1C471MDO1
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
6.3 × 9
8 × 7
6.3 × 9
8 × 9
8 × 12
10 × 13
6.3 × 9
8 × 7
8 × 9
8 × 12
10 × 13
6.3 × 10.5
8 × 7
8 × 12
6.3 × 9
8 × 9
10 × 13
6.3 × 10.5
8 × 12
10 × 13
6.3 × 10.5
8 × 12
10 × 13
10 × 13
Rated Capacitance
(µF)
Rated Voltage
(V)
code
Surge Voltage
(V)
Leakage Current
(µA)
ESR (m )
(at 100kHz 20°C)
Rated Ripple
(mArms)
tan δ
Part Number
Case Size
φD × L (mm)
No marked, 1 will be put at 12th digit of type numbering system.
: In this case, 2 will be put at 12th digit of type numbering system.
: In this case, 4 will be put at 12th digit of type numbering system.
: In this case, 6 will be put at 12th digit of type numbering system.
: In this case, 8 will be put at 12th digit of type numbering system.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com