Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLV Datasheet(PDF) 2 Page - Nichicon corporation

Part # PLV
Description  Radial Lead Type, Long Life Assurance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PLV Datasheet(HTML) 2 Page - Nichicon corporation

  PLV Datasheet HTML 1Page - Nichicon corporation PLV Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
65
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PLV
Rated ripple current (mArms) at 105°C 100kHz
Dimensions
Rated Voltage
(V)
code
Surge Voltage
(V)
Leakage Current
(
µA)
ESR (m )
(at 100kHz 20°C)
Rated Ripple
(mArms)
2100
2500
2900
2000
2400
2800
2000
2400
2800
1900
2300
2700
1900
2200
2600
1800
2100
2600
1700
1900
2300
1600
1800
2200
26
24
23
27
25
24
28
26
25
29
27
26
32
29
28
35
33
29
40
38
35
45
42
38
704
864
1504
600
880
1320
600
750
1350
392
574
1050
330
390
680
277
340
592
160
192
352
136
200
360
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
8 × 9
8 × 12
10 × 13
8 × 9
8 × 12
10 × 13
8 × 9
8 × 12
10 × 13
8 × 9
8 × 12
10 × 13
8 × 9
8 × 12
10 × 13
8 × 9
8 × 12
10 × 13
8 × 9
8 × 12
10 × 13
8 × 9
8 × 12
10 × 13
220
270
470
150
220
330
120
150
270
56
82
150
33
39
68
22
27
47
10
12
22
10
18
18.4
23.0
28.7
40.2
57.5
72.4
92
115
16
(1C)
20
(1D)
25
(1E)
35
(1V)
50
(1H)
63
(1J)
80
(1K)
100
(2A)
PLV1C221MCL1
PLV1C271MDL1
PLV1C471MDL1
PLV1D151MCL1
PLV1D221MDL1
PLV1D331MDL1
PLV1E121MCL1
PLV1E151MDL1
PLV1E271MDL1
PLV1V560MCL1
PLV1V820MDL1
PLV1V151MDL1
PLV1H330MCL1
PLV1H390MDL1
PLV1H680MDL1
PLV1J220MCL1
PLV1J270MDL1
PLV1J470MDL1
PLV1K100MCL1
PLV1K120MDL1
PLV1K220MDL1
PLV2A6R8MCL1
PLV2A100MDL1
PLV2A180MDL1
Rated Capacitance
(
µF)
Case Size
φD × L (mm)
tan δ
Part Number
6.8
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com