Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF8 Datasheet(PDF) 2 Page - Nichicon corporation

Part # RF8
Description  Low ESR / ESL, Low Profile
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

RF8 Datasheet(HTML) 2 Page - Nichicon corporation

  RF8 Datasheet HTML 1Page - Nichicon corporation RF8 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
91
CAT.8100H
4200
4200
4200
4200
4000
3700
3700
5×8
5×8
5×8
5×8
5×8
5×8
5×8
7
7
7
7
8
11
11
1.5
1.5
1.5
1.5
1.5
1.5
1.5
500
500
500
500
500
500
500
0.10
0.10
0.10
0.10
0.10
0.10
0.10
RF80E101MDN1
□□
RF80E331MDN1
□□
RF80E471MDN1
□□
RF80E561MDN1
□□
RF80G331MDN1
□□
RF80J271MDN1
□□
RF80J331MDN1□□
FP-2R5RE101M-F8
□□
FP-2R5RE331M-F8
□□
FP-2R5RE471M-F8
□□
FP-2R5RE561M-F8
□□
FP-4R0RE331M-F8
□□
FP-6R3RE271M-F8
□□
FP-6R3RE331M-F8□□
100
330
470
560
330
270
330
2.8
2.5
(0E)
4.6
4.0
(0G)
7.2
6.3
(0J)
2.5V 560µF
Dimensions
NICHICON
FPCAP
Leakage
Current
(µA, 2min.)
tan δ
ESR
(m )
(20°C/100kHz)
ESL
(Typ.)
(nH, 40MHz)
Rated Ripple
Current
(mArms)
(105°C/100kHz)
Case Size
φD×L (mm)
Rated Voltage
(V)
(code)
Rated
Capacitance
(
µF)
Surge
Voltage
(V)
Frequency Characteristics (The frequency characteristics are typical and not a guaranteed value.)
Frequency (kHz)
Frequency (kHz)
2.5V 560µF
RF8
Taping specifications are given in page 26, 27.
Please refer to page 3 for the minimum order quantity.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com