Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHS Datasheet(PDF) 2 Page - Nichicon corporation

Part # RHS
Description  High Capacitance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

RHS Datasheet(HTML) 2 Page - Nichicon corporation

  RHS Datasheet HTML 1Page - Nichicon corporation RHS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
71
CAT.8100H
RHS / RHA
4.0V 560µF (RHA)
5000
5400
5000
5000
5400
3200
5000
5000
5400
4700
4500
3200
4500
4500
4500
5150
5150
3000
3390
3220
3300
4950
4950
4000
3000
3000
8×6.7
8×11.7
8×6.7
8×7.7
8×11.7
8×6.7
8×6.7
8×7.7
8×11.7
8×11.7
8×6.7
8×6.7
8×6.7
8×6.7
8×7.7
8×11.7
8×11.7
8×6.7
8×7.7
8×6.7
8×6.7
8×11.7
8×11.7
8×8.7
8×8.7
8×8.7
8
9
8
8
9
16
8
8
9
12
9
18
9
9
9
10
10
25
19
22
22
14
14
18
25
25
700
700
700
750
1125
700
700
816
1440
1800
700
737
737
888
1058
1550
1890
700
660
700
864
1792
1560
700
392
700
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
RHA0E681MCN1GS
RHS0E821MCN1GS
RHA0E821MCN1GS
RHA0E102MCN1GS
RHS0E152MCN1GS
RHS0G561MCN1GS
RHA0G561MCN1GS
RHA0G681MCN1GS
RHS0G122MCN1GS
RHS0G152MCN1GS
RHA0J331MCN1GS
RHS0J391MCN1GS
RHA0J391MCN1GS
RHA0J471MCN1GS
RHA0J561MCN1GS
RHS0J821MCN1GS
RHS0J102MCN1GS
RHS1A151MCN1GS
RHS1A331MCN1GS
RHA1C151MCN1GS
RHA1C271MCN1GS
RHS1C561MCN1GS
RHS1D391MCN1GS
RHS1E101MCN1GS
RHS1V560MCN1GS
RHS1V101MCN1GS
FP-2R5ME681M-HAR
FP-2R5ME821M-HSR
FP-2R5ME821M-HAR
FP-2R5ME102M-HAR
FP-2R5ME152M-HSR
FP-4R0ME561M-HSR
FP-4R0ME561M-HAR
FP-4R0ME681M-HAR
FP-4R0ME122M-HSR
FP-4R0ME152M-HSR
FP-6R3ME331M-HAR
FP-6R3ME391M-HSR
FP-6R3ME391M-HAR
FP-6R3ME471M-HAR
FP-6R3ME561M-HAR
FP-6R3ME821M-HSR
FP-6R3ME102M-HSR
FP-010ME151M-HSR
FP-010ME331M-HSR
FP-016ME151M-HAR
FP-016ME271M-HAR
FP-016ME561M-HSR
FP-020ME391M-HSR
FP-025ME101M-HSR
FP-035ME560M-HSR
FP-035ME101M-HSR
680
820
820
1000
1500
560
560
680
1200
1500
330
390
390
470
560
820
1000
150
330
150
270
560
390
100
56
100
2.5
(0E
)
2.8
4.6
7.2
18.4
23.0
28.7
40.2
4.0
(0G
)
6.3
(0J
)
11.5
10
(1A
)
16
(1C
)
20
(1D
)
35
(1V
)
25
(1E
)
Dimensions
NICHICON
FPCAP
Leakage
Current
(µA, 2min.)
tan δ
ESR
(m )
(20°C/100kHz)
Rated Ripple
Current
(mArms)
(105°C/100kHz)
Case Size
φD×L (mm)
Rated Voltage
(V)
(code)
Rated
Capacitance
(
µF)
Surge
Voltage
(V)
Frequency Characteristics (The frequency characteristics are typical and not a guaranteed value.)
Frequency (kHz)
Frequency (kHz)
4.0V 560µF (RHA)
Taping specifications are given in page 28.
Recommended land size, soldering by reflow are given in page 25.
Please refer to page 3 for the minimum order quantity.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com