Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1815RWX7F Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM1815RWX7F
Description  Low Power Reset Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1815RWX7F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM1815RWX7F Datasheet HTML 11Page - STMicroelectronics STM1815RWX7F Datasheet HTML 12Page - STMicroelectronics STM1815RWX7F Datasheet HTML 13Page - STMicroelectronics STM1815RWX7F Datasheet HTML 14Page - STMicroelectronics STM1815RWX7F Datasheet HTML 15Page - STMicroelectronics STM1815RWX7F Datasheet HTML 16Page - STMicroelectronics STM1815RWX7F Datasheet HTML 17Page - STMicroelectronics STM1815RWX7F Datasheet HTML 18Page - STMicroelectronics STM1815RWX7F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15/20
STM1810/1811/1812/1813/1815/1816/1817/1818
Table 9. DC and AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 105°C; VCC = 1.2V to 5.5V (except where noted).
2. The STM1811/1813/1816/1818 have an internal pull-up resistor which may sink 1mA of current.
Sym
Alter-
native
Description
Test Condition(1)
Min
Typ
Max
Unit
VCC
Operating Voltage
TA = 0 to +105°C
1.0
5.5
V
TA = –40 to +105°C
1.2
5.5
V
ICC
VCC Supply Current
VCC = 3.6V, No load
410
µA
VCC = 5.5V, No load
916
µA
VIH
Input High Voltage
STM1813/1818 only
0.7VCC
V
VIL
Input Low Voltage
STM1813/1818 only
0.4
V
VOH
Output High Voltage
0 < IOH < 500µA
VCC –
0.5
VCC
– 0.1
V
IOH
RST Output Source Current
VCC ≥ VRST (max), Reset not
asserted (STM1810/STM1815)
350
µA
RST Output Source Current
VCC ≤ VRST (min), Reset asserted
(STM1812/STM1817)
350
µA
IOL
RST Output Sink Current
VCC ≥ 2.7V, Reset asserted,
VOUT = 0.4V (STM1810/1811/
1813/1815/1816/1818)
10
mA
RST Output Sink Current
VCC ≥ 2.7V, Reset not asserted,
VOUT = 0.4V, (STM1812/1817)
10
mA
COUT
Output Capacitance(2)
10
pF
Reset Thresholds
VRST
Reset Threshold
STM181xL
25°C
4.62
V
–40 to 105°C
4.50
4.75
V
STM181xM
25°C
4.37
V
–40 to 105°C
4.25
4.49
V
STM181xT
25°C
3.06
V
–40 to 105°C
2.98
3.15
V
STM181xS
25°C
2.88
V
–40 to 105°C
2.80
2.97
V
STM181xR
25°C
2.55
V
–40 to 105°C
2.47
2.64
V
tRD
VCC to RST Delay
VCC = (VTH + 100mV) falling to
(VTH – 200mV)
25
µs
trec
RST Pulse Width
VCC Rising
100
150
200
ms
Push-Button Reset Detect (STM1813, STM1818)
tPB
Push-button Detect to RST
STM1813/1818
1.5
µs
tPBRST
Push-button RST Time-out
From Rising Edge
100
150
200
ms
Internal Pull-up Resistance
STM1811/1816
3.5
5.5
7.5
k
Ω
STM1813/1818
3.1
5.5
7.5
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com