Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNE0J331MCS1 Datasheet(PDF) 2 Page - Nichicon corporation

Part # RNE0J331MCS1
Description  High Capacitance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

RNE0J331MCS1 Datasheet(HTML) 2 Page - Nichicon corporation

  RNE0J331MCS1 Datasheet HTML 1Page - Nichicon corporation RNE0J331MCS1 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
95
CAT.8100H
4900
4900
3600
3700
5700
5400
2500
2300
4150
5400
5400
5000
5000
5600
5600
6100
6100
8×6
8×6
5×8
5×8
8×9
8×11.5
6.3×10
5×10
8×6
8×11.5
8×11.5
8×11.5
8×11.5
10×12.5
10×12.5
10×12.5
10×12.5
8
8
12
10
10
10
30
35
13
10
10
14
14
11
11
10
10
500
500
500
500
1512
1890
440
320
500
1504
1504
1792
1792
2624
2624
3200
3200
0.10
0.10
0.10
0.10
0.08
0.12
0.08
0.08
0.1
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
RNE0E681MDN1
□□
RNE0E821MCNASQ
□□
RNE0J271MDS1
□□
RNE0J331MCS1
□□
RNE0J122MDN1
□□
RNE0J152MDN1
□□
RNE1A221MDS1
□□
RNE1C101MDS1
□□
RNE1C221MDN1
□□
RNE1C471MDN1
□□
RNE1C471MDNASQ
□□
RNE1C560MDN1
□□
RNE1C561MDNASQ
□□
RNE1C821MDN1
□□
RNE1C821MDNASQ
□□
RNE1C102MDN1
□□
RNE1C102MDNASQ
□□
FP-2R5RE681M-NE
□□
FP-2R5RE821M-NE
□□-5KH
FP-6R3RE271M-NE
□□
FP-6R3RE331M-NE
□□-H
FP-6R3RE122M-NE
□□
FP-6R3RE152M-NE
□□
FP-010RE221M-NE
□□
FP-016RE101M-NE
□□
FP-016RE221M-NE
□□
FP-016RE471M-NE
□□
FP-016RE471M-NE
□□-5K
FP-016RE561M-NE
□□
FP-016RE561M-NE
□□-5K
FP-016RE821M-NE
□□
FP-016RE821M-NE
□□-5K
FP-016RE102M-NE
□□
FP-016RE102M-NE
□□-5K
680
820
270
330
1200
1500
220
100
220
470
470
560
560
820
820
1000
1000
2.8
2.5
(0E)
11.5
10
(1A)
18.4
16
(1C)
7.2
6.3
(0J)
µ
Dimensions
NICHICON
FPCAP
Leakage
Current
(µA, 2min.)
tan δ
ESR
(m )
(20°C/100kHz)
Rated Ripple
Current
(mArms)
(105°C/100kHz)
Case Size
φD×L (mm)
Rated Voltage
(V)
(code)
Rated
Capacitance
(
µF)
Surge
Voltage
(V)
Frequency Characteristics (The frequency characteristics are typical and not a guaranteed value.)
Frequency (kHz)
Frequency (kHz)
µ
RNE
Taping specifications are given in page 26, 27.
Please refer to page 3 for the minimum order quantity.
: Load life 5000hours.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com