Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCV1D331MCL1GS Datasheet(PDF) 1 Page - Nichicon corporation

Part # PCV1D331MCL1GS
Description  Chip Type, High Voltage / Long Life
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCV1D331MCL1GS Datasheet(HTML) 1 Page - Nichicon corporation

  PCV1D331MCL1GS Datasheet HTML 1Page - Nichicon corporation PCV1D331MCL1GS Datasheet HTML 2Page - Nichicon corporation PCV1D331MCL1GS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
49
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCV ChipType,HighVoltage/LongLife
Specifications
Temperature Characteristics
(Max.Impedance Ratio)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Tangent of loss angle (tan δ)
ESR ( 1)
Leakage Current ( 2)
Performance Characteristics
Item
–55 to +105°C
16 to 125V
5.6 to 680µF
± 20% at 120Hz, 20°C
Less than or equal to the specified value at 120Hz, 20°C
Less than or equal to the specified value at 100kHz, 20°C
Less than or equal to the specified value . After 2 minutes' application of rated voltage at 20°C
Z+105°C / Z+20°C
1.25
(100kHz)
Z
–55°C / Z+20°C
1.25
Endurance
Damp Heat
(Steady State)
Resistance to
Soldering Heat
Marking
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 3000 hours at 105°C.
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 1000 hours at 60°C, 90% RH.
After soldering the capacitor under the soldering conditions
prescribed here, the capacitor shall meet the specifications listed at
right.
Pre-heating shall be done at 150 to 200°C and for 60 to 180 sec.
The duration for over +230°C temperature at capacitor surface shall
not exceed 60 seconds.
In case peak temperature is 250°C or less, reflow soldering shall be
two times maximum.
In case peak temperature is 260°C or less, reflow soldering shall be
once.
Measurement for solder temperature profile shall be made at the
capacitor top and the terminal.
Navy blue print on the case top
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of the initial capacitance value ( 3)
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of the initial capacitance value ( 3)
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 10% of the initial capacitance value ( 3)
130% or less than the initial specified value
130% or less than the initial specified value
Less than or equal to the initial specified value
High voltage (to 125V), Low ESR, High ripple current.
Load life of 3000 hours at 105°C.
SMD type : Lead free reflow soldering condition at
260°C peak correspondence.
Compliant to the RoHS directive (2011/65/EU).
AEC-Q200 compliant. Please contact us for details.
1 ESR should be measured at both of the terminal ends closest where the terminals protrude through the plastic platform.
2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of applying DC rated voltage continuously to the capacitor for 120
minutes at 105°C.
3 Initial value : The value before test of examination of resistance to soldering.
P
1
C
2
V
3
1
4
V
5
8
6
2
7
0
8
M
9
C
10
L
11
1
12
G
13
S
14
Configuration
Taping code
Size code
Capacitance tolerance (±20%)
Rated capacitance (82µF)
Rated voltage (35V)
Series name
Type
H
0.3 MAX.
C±0.2
L
Series
Voltage (V:35V)
Plastic platform
Lot No.
Capacitance
Negative
Positive
+0.1
-0.4
Dimensions
Type numbering system (Example : 35V 82µF)
Dimension table in next page.
φD
L
A
B
C
E
H
6.3
5.9
7.3
6.6
6.6
2.1
0.5 to 0.8
Size φ6.3 ×6L
8.0
6.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ8 ×7L
8.0
9.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ8 ×10L
8.0
11.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ8 ×12L
10.0
7.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10 ×8L
10.0
9.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10 ×10L
10.0
12.6
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10×12.7L
(mm)
Code
C
V
16
D
20
E
25
V
35
H
50
J
63
K
80
2A
100
2B
125
Voltage
PCV
High Temperature
PCX
Frequency coefficient of rated ripple current
0 Frequency0/
Coefficient
120Hz 1kHz 10kHz 100kHz or more
0.05
0.30
0.70
1.00


Similar Part No. - PCV1D331MCL1GS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
PCV1D331MCL1GS NICHICON-PCV1D331MCL1GS Datasheet
63Kb / 3P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCV1D331MCL1GS NICHICON-PCV1D331MCL1GS Datasheet
1,015Kb / 3P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results

Similar Description - PCV1D331MCL1GS

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
EL1A100KC DBLECTRO-EL1A100KC Datasheet
515Kb / 13P
CHIP TYPE, LONG LIFE ASSURANCE
logo
Cornell Dubilier Electr...
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
Long Life, High Capacitance Screw Terminal Type
520C322T200CH2B CDE-520C322T200CH2B Datasheet
209Kb / 7P
High Ripple, Long Life Screw Terminal Type
logo
Illinois Capacitor, Inc...
FSL ILLINOISCAPACITOR-FSL Datasheet
229Kb / 2P
High reliability - High voltage ??Long life
TXK ILLINOISCAPACITOR-TXK Datasheet
221Kb / 2P
High Temperature - High Voltage ??Long Life
logo
Cornell Dubilier Electr...
500C CDE-500C_17 Datasheet
1Mb / 15P
Long Life, High Capacitance Screw Terminal Type
520C CDE-520C_17 Datasheet
220Kb / 7P
High Ripple, Long Life Screw Terminal Type
logo
Nichicon corporation
PCX NICHICON-PCX Datasheet
1Mb / 2P
Chip Type, High Voltage / Long Life
UUL NICHICON-UUL Datasheet
788Kb / 2P
Chip Type, Long Life Assurance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com