Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP-2R5RE561M-R5 Datasheet(PDF) 1 Page - Nichicon corporation

Part # FP-2R5RE561M-R5
Description  Ultra-low ESR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

FP-2R5RE561M-R5 Datasheet(HTML) 1 Page - Nichicon corporation

  FP-2R5RE561M-R5 Datasheet HTML 1Page - Nichicon corporation FP-2R5RE561M-R5 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
82
CAT.8100H
RR5
(mm)
φD×L
8×11.5
10×12.5
φd
0.6
0.6
P
3.5
5.0
α
1.5
1.5
Test condition
Capacitance change
tan δ
ESR( 1)
Leakage current ( 2)
105°C, rated voltage 2000Hrs.
Within ±20% of initial value before test
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
–55 to
+105°C
2.5 to 6.3V
390 to 1500µF
±20% at 120Hz, 20°C
Less than or equal to the specified value at 120Hz, 20°C
Less than or equal to the specified value at 100kHz, 20°C
Less than or equal to the specified value. After 2 minutes' application of rated voltage at 20°C
Specifications
Performance Characteristics
Item
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Endurance
Tangent of loss angle (tan δ)
Leakage Current ( 2)
ESR ( 1)
1 ESR should be measured at both of the terminal ends closest to the capacitor body.
2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of applying DC rated voltage continuously to the capacitor for 120
minutes at 105°C.
Aluminum case
Stand off
Wire(Lead free)
Dimensions
Type numbering system (Example : 6.3V 470µF)
Nichicon part number
R
1
R
2 3
0
4
J
5
4
6
7
7
1
8
M
9
D
10
N
11
1
12
K
13
X
14
Configuration
Lead Forming
Control code
Capacitance tolerance (±20%)
Rated capacitance (470µF)
Rated voltage (6.3V)
Series name
Type
5
Lot No.
Product Logo
Voltage
Capacitance
FPCAP part number
FP 6R3 RE 471 M
R5
K
Configuration
Lead Forming
Control code
Capacitance tolerance (±20%)
Capacitance (470µF)
Voltage(6.3V)
Series name
Type
L+αMAX.
15MIN.
4MIN.
φd
Ultra-low ESR
Dimension table in next page.
Ultra Low ESR, High ripple current.
Load life of 2000 hours at 105°C.
Radial lead type : Lead free flow soldering condition
correspondence.
Compliant to the RoHS directive (2011/65/EU).
RR5
Lower ESR
RR7
RE5
Lower
Profile
Frequency coefficient of rated ripple current
Coefficient
Frequency
120 Hz
1 kHz
10 kHz
100 kHz
300 kHz
0.10
0.45
0.50
1.00
1.00


Similar Part No. - FP-2R5RE561M-R5

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
FP-2R5RE561M-R5XX NICHICON-FP-2R5RE561M-R5XX Datasheet
899Kb / 2P
FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results

Similar Description - FP-2R5RE561M-R5

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45496R9687M509 EPCOS-B45496R9687M509 Datasheet
180Kb / 6P
Polymer; Multiple Anode; Ultra-Low ESR
logo
Kemet Corporation
B45396R KEMET-B45396R Datasheet
437Kb / 12P
Multiple Anode, Ultra-low ESR
logo
AVX Corporation
TPME108K004R0018 AVX-TPME108K004R0018 Datasheet
163Kb / 3P
Tantalum Ultra Low ESR Capacitor
logo
List of Unclassifed Man...
300152M6R3JS0E ETC2-300152M6R3JS0E Datasheet
487Kb / 11P
High Capacitance and Ultra-Low ESR
logo
AVX Corporation
TPME476K035H0055 AVX-TPME476K035H0055 Datasheet
100Kb / 3P
Tantalum Ultra Low ESR Capacitor
TPME477M010R0023 AVX-TPME477M010R0023 Datasheet
101Kb / 3P
Tantalum Ultra Low ESR Capacitor
TPM AVX-TPM Datasheet
358Kb / 5P
Tantalum Ultra Low ESR Capacitor
logo
Nichicon corporation
PCK NICHICON-PCK Datasheet
993Kb / 2P
Chip Type, Ultra-low ESR
PLE NICHICON-PLE Datasheet
890Kb / 2P
Radial Lead Type, Ultra-low ESR
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
Ultra-low ESR, Low Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com