Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP-2R5RE102M-R5 Datasheet(PDF) 2 Page - Nichicon corporation

Part # FP-2R5RE102M-R5
Description  Ultra-low ESR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

FP-2R5RE102M-R5 Datasheet(HTML) 2 Page - Nichicon corporation

  FP-2R5RE102M-R5 Datasheet HTML 1Page - Nichicon corporation FP-2R5RE102M-R5 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
83
CAT.8100H
6630
6630
6630
6630
7220
6630
7220
7220
6630
6630
7220
7220
8×11.5
8×11.5
8×11.5
8×11.5
10×12.5
8×11.5
10×12.5
10×12.5
8×11.5
8×11.5
10×12.5
10×12.5
5
5
5
5
5
5
5
5
5
5
5
5
350
425
513
625
938
560
820
1200
614
592
1071
1292
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
RR50E561MDN1
□□
RR50E681MDN1
□□
RR50E821MDN1
□□
RR50E102MDN1
□□
RR50E152MDN1
□□
RR50G561MDN1
□□
RR50G821MDN1
□□
RR50G122MDN1
□□
RR50J391MDN1
□□
RR50J471MDN1
□□
RR50J681MDN1
□□
RR50J821MDN1
□□
FP-2R5RE561M-R5
□□
FP-2R5RE681M-R5
□□
FP-2R5RE821M-R5
□□
FP-2R5RE102M-R5
□□
FP-2R5RE152M-R5
□□
FP-4R0RE561M-R5
□□
FP-4R0RE821M-R5
□□
FP-4R0RE122M-R5
□□
FP-6R3RE391M-R5
□□
FP-6R3RE471M-R5
□□
FP-6R3RE681M-R5
□□
FP-6R3RE821M-R5
□□
560
680
820
1000
1500
560
820
1200
390
470
680
820
2.8
7.2
2.5
(0E)
4.6
4.0
(0G)
6.3
(0J)
µ
µ
NICHICON
FPCAP
Leakage
Current
(µA, 2min.)
tan δ
ESR
(m )
(20°C/100kHz)
Rated Ripple
Current
(mArms)
(105°C/100kHz)
Case Size
φD×L (mm)
Rated Voltage
(V)
(code)
Rated
Capacitance
(
µF)
Surge
Voltage
(V)
Frequency Characteristics (The frequency characteristics are typical and not a guaranteed value.)
Frequency (kHz)
Frequency (kHz)
Dimensions
RR5
Taping specifications are given in page 26, 27.
Please refer to page 3 for the minimum order quantity.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com