Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSS Datasheet(PDF) 2 Page - Nichicon corporation

Part # RSS
Description  High Capacitance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

RSS Datasheet(HTML) 2 Page - Nichicon corporation

  RSS Datasheet HTML 1Page - Nichicon corporation RSS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
73
CAT.8100H
3160
3160
3650
3600
2500
3600
3800
3160
3700
3160
2500
2500
3160
3500
3160
2500
3160
2900
3000
2490
2700
3300
3500
3800
1700
2100
2600
2800
2800
2800
3100
1700
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×7.7
6.3×5.7
6.3×7.7
6.3×7.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×5.7
6.3×7.7
6.3×5.7
14
14
10
13
25
13
10
14
11
14
25
25
15
12
14
25
14
18
20
24
24
22
20
15
60
40
40
30
30
30
22
60
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
500
700
700
576
704
864
100
110
135
235
280
340
500
100
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
RSA0E331MCN1GS
RSA0E391MCN1GS
RSB0E391MCN1GS
RSA0E471MCN1GS
RSS0E561MCN1GS
RSA0E561MCN1GS
RSB0E561MCN1GS
RSA0G331MCN1GS
RSB0G331MCN1GS
RSA0G391MCN1GS
RSS0J101MCN1GS
RSS0J221MCN1GS
RSA0J221MCN1GS
RSB0J221MCN1GS
RSA0J271MCN1GS
RSS0J331MCN1GS
RSA0J331MCN1GS
RSA1A121MCN1GS
RSA1A221MCN1GS
RSS1C101MCN1GS
RSA1C101MCN1GS
RSA1C181MCN1GS
RSA1C221MCN1GS
RSA1C271MCN1GS
RSS1E100MCN1GS
RSS1E220MCN1GS
RSS1E270MCN1GS
RSS1E470MCN1GS
RSS1E560MCN1GS
RSS1E680MCN1GS
RSA1E101MCN1GS
RSS1V100MCN1GS
FP-2R5ME331M-SAR
FP-2R5ME391M-SAR
FP-2R5ME391M-SBR
FP-2R5ME471M-SAR
FP-2R5ME561M-SSR
FP-2R5ME561M-SAR
FP-2R5ME561M-SBR
FP-4R0ME331M-SAR
FP-4R0ME331M-SBR
FP-4R0ME391M-SAR
FP-6R3ME101M-SSR
FP-6R3ME221M-SSR
FP-6R3ME221M-SAR
FP-6R3ME221M-SBR
FP-6R3ME271M-SAR
FP-6R3ME331M-SSR
FP-6R3ME331M-SAR
FP-010ME121M-SAR
FP-010ME221M-SAR
FP-016ME101M-SSR
FP-016ME101M-SAR
FP-016ME181M-SAR
FP-016ME221M-SAR
FP-016ME271M-SAR
FP-025ME100M-SSR
FP-025ME220M-SSR
FP-025ME270M-SSR
FP-025ME470M-SSR
FP-025ME560M-SSR
FP-025ME680M-SSR
FP-025ME101M-SAR
FP-035ME100M-SSR
330
390
390
470
560
560
560
330
330
390
100
220
220
220
270
330
330
120
220
100
100
180
220
270
10
22
27
47
56
68
100
10
2.5
(0E)
2.8
4.6
7.2
11.5
28.7
40.2
18.4
4.0
(0G)
6.3
(0J)
10
(1A)
16
(1C)
25
(1E)
35
(1V)
6.3V 220µF (RSA)
Dimensions
Frequency Characteristics (The frequency characteristics are typical and not a guaranteed value.)
Frequency (kHz)
Frequency (kHz)
NICHICON
FPCAP
Leakage
Current
(µA, 2min.)
tan δ
ESR
(m )
(20°C/100kHz)
Rated Ripple
Current
(mArms)
(105°C/100kHz)
Case Size
φD×L (mm)
Rated Voltage
(V)
(code)
Rated
Capacitance
(
µF)
Surge
Voltage
(V)
6.3V 220µF (RSA)
Taping specifications are given in page 28.
Recommended land size, soldering by reflow are given in page 25.
Please refer to page 3 for the minimum order quantity.
RSS / RSA / RSB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com