Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP-2R5RE152M-R7 Datasheet(PDF) 2 Page - Nichicon corporation

Part # FP-2R5RE152M-R7
Description  Low ESR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

FP-2R5RE152M-R7 Datasheet(HTML) 2 Page - Nichicon corporation

  FP-2R5RE152M-R7 Datasheet HTML 1Page - Nichicon corporation FP-2R5RE152M-R7 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
81
CAT.8100H
5600
5600
6100
5600
6100
6100
5600
5600
6100
5600
6100
6100
6100
5600
6100
6100
6100
5600
5600
6100
6100
6100
6100
8×11.5
8×11.5
10×12.5
8×11.5
10×12.5
10×12.5
8×11.5
8×11.5
10×12.5
8×11.5
10×12.5
10×12.5
10×12.5
8×11.5
10×12.5
10×12.5
10×12.5
8×11.5
8×11.5
10×12.5
10×12.5
10×12.5
10×12.5
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
7
425
513
938
224
328
960
47
69
104
246
428
517
630
50
110
470
1360
54
80
120
648
792
792
0.08
0.08
0.08
0.08
0.08
0.15
0.07
0.07
0.07
0.08
0.08
0.12
0.12
0.07
0.07
0.08
0.10
0.06
0.06
0.06
0.08
0.08
0.08
RR70E681MDN1
□□
RR70E821MDN1
□□
RR70E152MDN1
□□
RR70G561MDN1
□□
RR70G821MDN1
□□
RR70G122MDN1
□□
RR70J151MDN1
□□
RR70J221MDN1
□□
RR70J331MDN1
□□
RR70J391MDN1
□□
RR70J681MDN1
□□
RR70J821MDN1
□□
RR70J102MDN1
□□
RR71A101MDN1
□□
RR71A221MDN1
□□
RR71A471MDN1
□□
RR71A681MDN1
□□
RR71C680MDN1
□□
RR71C101MDN1
□□
RR71C151MDN1
□□
RR71C271MDN1
□□
RR71C331MDN1
□□
RR71C331MDNASQ
□□
FP-2R5RE681M-R7
□□
FP-2R5RE821M-R7
□□
FP-2R5RE152M-R7
□□
FP-4R0RE561M-R7
□□
FP-4R0RE821M-R7
□□
FP-4R0RE122M-R7
□□
FP-6R3RE151M-R7
□□
FP-6R3RE221M-R7
□□
FP-6R3RE331M-R7
□□
FP-6R3RE391M-R7
□□
FP-6R3RE681M-R7
□□
FP-6R3RE821M-R7
□□
FP-6R3RE102M-R7
□□
FP-010RE101M-R7
□□
FP-010RE221M-R7
□□
FP-010RE471M-R7
□□
FP-010RE681M-R7
□□
FP-016RE680M-R7
□□
FP-016RE101M-R7
□□
FP-016RE151M-R7
□□
FP-016RE271M-R7
□□
FP-016RE331M-R7
□□
FP-016RE331M-R7
□□-5K
2.8
7.2
11.5
18.4
2.5
(0E)
4.6
4.0
(0G)
6.3
(0J)
10
(1A)
16
(1C)
Dimensions
NICHICON
FPCAP
Leakage
Current
(µA, 2min.)
tan δ
ESR
(m )
(20°C/100kHz)
Rated Ripple
Current
(mArms)
(105°C/100kHz)
Case Size
φD×L (mm)
Rated Voltage
(V)
(code)
Rated
Capacitance
(
µF)
Surge
Voltage
(V)
Frequency Characteristics (The frequency characteristics are typical and not a guaranteed value.)
Frequency (kHz)
Frequency (kHz)
µ
µ
µ
µ
680
820
1500
560
820
1200
150
220
330
390
680
820
1000
100
220
470
680
68
100
150
270
330
330
RR7
Taping specifications are given in page 26, 27.
Please refer to page 3 for the minimum order quantity.
: Load life 5000hours.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com