Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMN3B14F Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXMN3B14F
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET 2.5V GATE DRIVE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN3B14F Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXMN3B14F Datasheet HTML 1Page - Zetex Semiconductors ZXMN3B14F Datasheet HTML 2Page - Zetex Semiconductors ZXMN3B14F Datasheet HTML 3Page - Zetex Semiconductors ZXMN3B14F Datasheet HTML 4Page - Zetex Semiconductors ZXMN3B14F Datasheet HTML 5Page - Zetex Semiconductors ZXMN3B14F Datasheet HTML 6Page - Zetex Semiconductors ZXMN3B14F Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMN3B14F
SEMICO NDUC TORS
ISSUE 1 - JUNE 2005
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient
(a)
R JA
125
°C/W
Junction to Ambient
(b)
R JA
83
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
(b) For a device surface mounted on FR4 PCB measured at t
5 sec.
(c) Repetitive rating - 25mm x 25mm FR4 PCB, D=0.02, pulse width 300 s - pulse width limited by maximum junction temperature.
THERMAL RESISTANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGS
12
V
Continuous Drain Current @ VGS=4.5V; TA=25°C
(b)
@VGS=4.5V; TA=70°C
(b)
@VGS=4.5V; TA=25°C
(a)
ID
3.5
2.9
2.9
A
A
A
Pulsed Drain Current
(c)
IDM
16
A
Continuous Source Current (Body Diode)
(b)
IS
2.4
A
Pulsed Source Current (Body Diode)
(c)
ISM
16
A
Power Dissipation at TA =25°C
(a)
Linear Derating Factor
PD
1
8
W
mW/°C
Power Dissipation at TA =25°C
(b)
Linear Derating Factor
PD
1.5
12
W
mW/°C
Operating and Storage Temperature Range
Tj,Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com