Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP-010ME331M-PSR Datasheet(PDF) 2 Page - Nichicon corporation

Part # FP-010ME331M-PSR
Description  Standard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

FP-010ME331M-PSR Datasheet(HTML) 2 Page - Nichicon corporation

  FP-010ME331M-PSR Datasheet HTML 1Page - Nichicon corporation FP-010ME331M-PSR Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
69
CAT.8100H
NICHICON
4500
5500
2200
2700
2700
3800
4500
5400
3800
5500
2200
2600
2600
3600
4300
4300
4400
5200
5500
5500
2100
2100
2600
3500
4000
3600
5300
1700
2000
2500
2300
2300
3200
3200
3700
3600
3700
3450
4400
4800
6100
4200
5400
3100
1800
3320
4400
5000
4800
2600
1250
1550
1950
2300
2300
2800
1200
1500
1900
2250
2700
8×11.7
10×12.4
6.3×5.7
8×6.7
8×6.7
10×7.7
8×11.7
8×11.7
10×7.7
10×12.4
6.3×5.7
8×6.7
8×6.7
10×7.7
8×11.7
10×7.7
8×11.7
10×12.4
10×12.4
10×12.4
6.3×5.7
6.3×5.7
8×6.7
10×7.7
8×11.7
10×7.7
10×12.4
6.3×5.7
6.3×5.7
6.3×5.7
8×6.7
8×6.7
10×7.7
10×7.7
8×11.7
10×7.7
8×11.7
10×7.7
8×11.7
10×12.4
10×12.4
10×12.4
10×12.4
10×12.4
8×6.7
8×11.7
8×11.7
10×12.4
10×12.4
10×12.4
6.3×5.7
8×6.7
10×7.7
8×11.7
8×11.7
10×12.4
6.3×5.7
8×6.7
10×7.7
8×11.7
10×12.4
13
10
35
30
30
22
13
9
22
12
35
30
30
22
15
18
14
13
12
12
40
40
30
25
17
20
13
40
45
24
40
40
30
30
20
20
20
22
14
16
9
18
12
20
50
24
18
14
16
28
40
37
32
26
26
23
41
38
33
27
24
425
938
80
176
264
376
448
448
544
960
103
189
227
416
592
592
706
643
775
945
94
112
240
540
660
660
840
211
125
125
179
262
320
480
576
576
704
704
864
792
1504
2640
3200
2240
275
500
1100
1650
1950
1050
120
220
330
390
470
820
103
151
277
416
706
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.15
0.12
0.15
0.15
0.15
0.15
0.12
0.12
0.12
0.12
0.15
0.12
0.15
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.12
0.12
0.12
0.10
0.12
0.12
0.12
0.12
0.12
0.10
0.12
0.12
0.12
0.08
0.12
0.12
0.12
0.12
0.12
0.15
0.15
0.15
0.12
0.12
0.12
0.15
0.15
RPS0E681MCN1GS
RPS0E152MCN1GS
RPS0G101MCN1GS
RPS0G221MCN1GS
RPS0G331MCN1GS
RPS0G471MCN1GS
RPS0G561MCN1GS
RPA0G561MCN1GS
RPS0G681MCN1GS
RPS0G122MCN1GS
RPS0J820MCN1GS
RPS0J151MCN1GS
RPS0J181MCN1GS
RPS0J331MCN1GS
RPS0J471MCN1GS
RPA0J471MCN1GS
RPS0J561MCN1GS
RPS0J681MCN1GS
RPS0J821MCN1GS
RPS0J102MCN1GS
RPS1A470MCN1GS
RPS1A560MCN1GS
RPS1A121MCN1GS
RPS1A271MCN1GS
RPS1A331MCN1GS
RPA1A331MCN1GS
RPS1A561MCN1GS
RPS1C330MCN1GS
RPS1C390MCN1GS
RPA1C390MCN1GS
RPS1C560MCN1GS
RPS1C820MCN1GS
RPS1C101MCN1GS
RPS1C151MCN1GS
RPS1C181MCN1GS
RPA1C181MCN1GS
RPS1C221MCN1GS
RPA1C221MCN1GS
RPS1C271MCN1GS
RPS1C331MCN1GS
RPS1C471MCN1GS
RPS1C821MCN1GS
RPS1C102MCN1GS
RPA1D561MCN1GS
RPS1E220MCN1GS
RPS1E101MCN1GS
RPS1E221MCN1GS
RPS1E331MCNASQGS
RPS1E391MCN1GS
RPS1V151MCN1GS
RPS1H120MCN1GS
RPS1H220MCN1GS
RPS1H330MCN1GS
RPS1H390MCN1GS
RPS1H470MCN1GS
RPS1H820MCN1GS
RPS1J8R2MCN1GS
RPS1J120MCN1GS
RPS1J220MCN1GS
RPS1J330MCN1GS
RPS1J560MCN1GS
FPCAP
FP-2R5ME681M-PSR
FP-2R5ME152M-PSR
FP-4R0ME101M-PSR
FP-4R0ME221M-PSR
FP-4R0ME331M-PSR
FP-4R0ME471M-PSR
FP-4R0ME561M-PSR
FP-4R0ME561M-PAR
FP-4R0ME681M-PSR
FP-4R0ME122M-PSR
FP-6R3ME820M-PSR
FP-6R3ME151M-PSR
FP-6R3ME181M-PSR
FP-6R3ME331M-PSR
FP-6R3ME471M-PSR
FP-6R3ME471M-PAR
FP-6R3ME561M-PSR
FP-6R3ME681M-PSR
FP-6R3ME821M-PSR
FP-6R3ME102M-PSR
FP-010ME470M-PSR
FP-010ME560M-PSR
FP-010ME121M-PSR
FP-010ME271M-PSR
FP-010ME331M-PSR
FP-010ME331M-PAR
FP-010ME561M-PSR
FP-016ME330M-PSR
FP-016ME390M-PSR
FP-016ME390M-PAR
FP-016ME560M-PSR
FP-016ME820M-PSR
FP-016ME101M-PSR
FP-016ME151M-PSR
FP-016ME181M-PSR
FP-016ME181M-PAR
FP-016ME221M-PSR
FP-016ME221M-PAR
FP-016ME271M-PSR
FP-016ME331M-PSR
FP-016ME471M-PSR
FP-016ME821M-PSR
FP-016ME102M-PSR
FP-020ME561M-PAR
FP-025ME220M-PSR
FP-025ME101M-PSR
FP-025ME221M-PSR
FP-025ME331M-PSR-5K
FP-025ME391M-PSR
FP-035ME151M-PSR
FP-050ME120M-PSR
FP-050ME220M-PSR
FP-050ME330M-PSR
FP-050ME390M-PSR
FP-050ME470M-PSR
FP-050ME820M-PSR
FP-063ME8R2M-PSR
FP-063ME120M-PSR
FP-063ME220M-PSR
FP-063ME330M-PSR
FP-063ME560M-PSR
680
1500
100
220
330
470
560
560
680
1200
82
150
180
330
470
470
560
680
820
1000
47
56
120
270
330
330
560
33
39
39
56
82
100
150
180
180
220
220
270
330
470
820
1000
560
22
100
220
330
390
150
12
22
33
39
47
82
8.2
12
22
33
56
2.5
(0E
)
2.8
4.6
7.2
18.4
23.0
28.7
57.5
72.5
4.0
(0G
)
6.3
(0J
)
11.5
10
(1A
)
16
(1C
)
20
(1D
)
25
(1E
)
40.2
35
(1V)
50
(1H
)
63
(1J
)
Dimensions
Leakage
Current
(µA, 2min.)
tan δ
ESR
(m )
(20°C/100kHz)
Rated Ripple
Current
(mArms)
(105°C/100kHz)
Case Size
φD×L (mm)
Rated Voltage
(V)
(code)
Rated
Capacitance
(
µF)
Surge
Voltage
(V)
RPS / RPA
Taping specifications are given in page 28.
Recommended land size, soldering by reflow are given in page 25.
Please refer to page 3 for the minimum order quantity.
: Load life 5000hours.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com