Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1781 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL1781
Description  Single/Dual Dimmable Linear LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1781 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL1781 Datasheet HTML 9Page - Diodes Incorporated AL1781 Datasheet HTML 10Page - Diodes Incorporated AL1781 Datasheet HTML 11Page - Diodes Incorporated AL1781 Datasheet HTML 12Page - Diodes Incorporated AL1781 Datasheet HTML 13Page - Diodes Incorporated AL1781 Datasheet HTML 14Page - Diodes Incorporated AL1781 Datasheet HTML 15Page - Diodes Incorporated AL1781 Datasheet HTML 16Page - Diodes Incorporated AL1781 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AL1781/1782
Document number: DS41312 Rev. 1 - 2
13 of 18
www.diodes.com
August 2018
© Diodes Incorporated
AL1781/1782
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
TSSOP-16EP (Type DX)
TSSOP-16EP
(Type DX)
Dim
Min
Max
Typ
A
--
1.08
--
A1
0.05
0.15
--
A2
0.80
0.93
--
b
0.19
0.30
--
c
0.09
0.20
--
D
4.90
5.10
--
D2
2.70
--
--
E
6.40 BSC
E1
4.30
4.50
--
E2
2.50
--
--
e
0.65 BSC
L
0.45
0.75
--
L1
1.00 REF
L2
0.25 BSC
R
0.09
--
--
R1
0.09
--
--
θ
0°
8°
--
θ1
5°
15°
--
θ2
0°
--
--
All Dimensions in mm
Suggested Pad Layout (Notes 7 and 8)
Please see http://www.diodes.com/package-outlines.html for the latest version.
TSSOP-16EP (Type DX)
Dimensions
Value
(in mm)
C
0.65
X
0.35
X1
2.94
X2
2.45
X3
4.90
Y
1.40
Y1
2.00
Y2
2.72
Y3
6.80
Notes:
7. The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application. These
dimensions may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave soldering and is
calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming Convention for Standard SMT
Land Patterns, and for International grid details, please see document IEC, Publication 97.
8. For high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances
between device Terminals and PCB tracking.
SEATING PLANE
A2
A
D
A1
DETAIL 'A'
GAUGE PLANE
R1
R
L
L1
L2
0
01( 18x)
02
SEE DETAIL 'A'
E2
D2
c
PIN 1
e
b
E
E/2
E1
1.350
1.050
C
Y2
X1
Y
X
X2
Y1
Y3
X3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com