Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1782 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL1782
Description  Single/Dual Dimmable Linear LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1782 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL1782 Datasheet HTML 1Page - Diodes Incorporated AL1782 Datasheet HTML 2Page - Diodes Incorporated AL1782 Datasheet HTML 3Page - Diodes Incorporated AL1782 Datasheet HTML 4Page - Diodes Incorporated AL1782 Datasheet HTML 5Page - Diodes Incorporated AL1782 Datasheet HTML 6Page - Diodes Incorporated AL1782 Datasheet HTML 7Page - Diodes Incorporated AL1782 Datasheet HTML 8Page - Diodes Incorporated AL1782 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AL1781/1782
Document number: DS41312 Rev. 1 - 2
4 of 18
www.diodes.com
August 2018
© Diodes Incorporated
AL1781/1782
Functional Block Diagram
Pre_regulator
Bandgap
Bias current
UVLO
VREF
Dimming Signal
Process
Protection Function
&Fault Reporting
REF1
PWM1
PWM2
VIN
LED1
LED2
FAULTB
GND
VDD
Current Reference
Current Ratio
Circuit
PWM Control
Current Ratio
Circuit
PWM Control
Adaptive Thermal
Management
LEDPG
REF2
Current Reference
Functional Block Diagram of AL1782 (Note 4)
Note: 4. REF2, PWM2 and LED2 are not applicable to AL1781.
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
ESD
HBM
Human Body Model ESD Protection
4000
V
CDM
Charged Device Model ESD Protection
1000
V
VVIN
Input Voltage for VIN
33
V
VLEDx
LEDx Voltage
33
V
VPWMx, VFAULTB,
VLEDPG
PWMx, FaultB and LEDPG Voltage
7
V
VREFx
REFx Voltage
5
V
TJ(MAX)
Maximum Junction Temperature
+160
°C
TST
Storage Temperature Range
-65 to +150
°C
Caution
:
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling
and transporting these devices.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VVIN
Input Voltage at VIN
6.5
30
V
TA
Operating Ambient Temperature
-40
+125
C
VIH
High-Level Input Voltage on PWMx
1.4
5.5
V
VIL
Low-Level Input Voltage on PWMx
0
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com