Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5809 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL5809
Description  60V Two Terminal Constant Current LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5809 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL5809 Datasheet HTML 1Page - Diodes Incorporated AL5809 Datasheet HTML 2Page - Diodes Incorporated AL5809 Datasheet HTML 3Page - Diodes Incorporated AL5809 Datasheet HTML 4Page - Diodes Incorporated AL5809 Datasheet HTML 5Page - Diodes Incorporated AL5809 Datasheet HTML 6Page - Diodes Incorporated AL5809 Datasheet HTML 7Page - Diodes Incorporated AL5809 Datasheet HTML 8Page - Diodes Incorporated AL5809 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AL5809
Document number: DS36625 Rev. 5 - 2
4 of 16
www.diodes.com
December 2016
© Diodes Incorporated
AL5809
Package Thermal Data
Package
θJC
Thermal Resistance
Junction-to-Case
θJA
Thermal Resistance
Junction-to-Ambient
PDIS
TA = +25°C, TJ = +125°C
PowerDI123
27.15°C/W
148.61°C/W (Note 4)
0.68W
PowerDI123
17.81°C/W
81.39°C/W (Note 5)
1.24W
SOD-123
69.56°C/W
278.42°C/W (Note 6)
0.36W
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VInOut
“In” Voltage Range Relative to “Out” Pin
2.5
60
V
IInOut
LED Current (Note 7)
15
150
mA
TA
Operating Ambient Temperature Range (Note 8)
-40
+125
°C
Electrical Characteristics (VInOut = 3.5V) (Note 9)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VInOut
In-Out Supply Voltage
-
TA = -40°C to +125°C
2.5
-
60
V
IInOut
IINOut Current Accuracy
(±5% for over temperature)
AL5809-15S1-7
AL5809-15P1-7
TA = -40°C to +125°C
14.25
15
15.75
mA
AL5809-20S1-7
AL5809-20P1-7
TA = -40°C to +125°C
19
20
21
AL5809-25S1-7
AL5809-25P1-7
TA = -40°C to +125°C
23.75
25
26.25
AL5809-30S1-7
AL5809-30P1-7
TA = -40°C to +125°C
28.5
30
31.5
AL5809-40S1-7
AL5809-40P1-7
TA = -40°C to +125°C
38
40
42
AL5809-50S1-7
AL5809-50P1-7
TA = -40°C to +125°C
47.5
50
52.5
AL5809-60P1-7
TA = -40°C to +125°C
57
60
63
AL5809-90P1-7
TA = -40°C to +125°C
85.5
90
94.5
AL5809-100P1-7
TA = -40°C to +125°C
95
100
105
AL5809-120P1-7
TA = -40°C to +125°C
114
120
126
AL5809-150P1-7
TA = -40°C to +125°C
142.5
150
157.5
ILINE
IInOut Current Line Regulation
VInOut = 2.5V to 60V
(Note 10)
TA = +25°C
-
1
-
%
VMIN
Minimum Power Up Voltage
Increase VInOut (Note 11)
TA = -40°C to +125°C
-
1.5
-
V
tON_MIN
Minimum On pulse width
(Note 12, 13)
-
500
-
-
µS
tOFF_MIN
Minimum Off pulse width
(Note 12, 13)
-
500
-
-
µS
TSHDN
Thermal Shutdown
Junction Temperature
(Note 14)
-
-
+165
-
°C
THYS
Thermal Shutdown Hysteresis
-
-
-
+30
-
°C
Notes:
4. Test condition for PowerDI-123: Device mounted on 25.4mm x 25.4mm FR-4 PCB (10mm x 10mm 1oz copper, minimum recommended pad layout on
top layer and thermal vias to bottom layer ground plane). For better thermal performance, larger copper pad for heat-sink is needed.
5. When mounted on 50.8mm x 50.8mm GETEK PCB with 25.4mm x 25.4mm copper pads.
6. Test condition for SOD-123: Device mounted on FR-4 PCB with 50.8mm x 50.8mm 2oz copper, minimum recommended pad layout on top layer and
thermal vias to bottom layer with maximum area ground plane. For better thermal performance, larger copper pad for heat-sink is needed.
7. The LED operating current is determined by the AL5809 current option index XXX, AL5809-XXXS/P1-7.
8. The Maximum LED current is also limited by ambient temperature and power dissipation such that junction temperature should be kept less than or equal
to +125°C.
9. All voltages unless otherwise stated are measured with respect to OUT pin.
10. Measured by the percentage degree of LED current variation when VInOut varies from 2.5V to 60V each current option.
11. Apply the power linearly to the chip until the device starts to turn on.
12. tON_MIN time includes the delay and the rise time needed for IOUT to reach 90% of its final value. tOFF_MIN time is the time needed for IOUT to drop below
10% of its final value.
13. This parameter only guaranteed by design, not tested in production.
14. Ambient temperature at which OTP is triggered may vary depending on application, PCB layout and material used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com