Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5815 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL5815
Description  60V LINEAR LED CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5815 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL5815 Datasheet HTML 1Page - Diodes Incorporated AL5815 Datasheet HTML 2Page - Diodes Incorporated AL5815 Datasheet HTML 3Page - Diodes Incorporated AL5815 Datasheet HTML 4Page - Diodes Incorporated AL5815 Datasheet HTML 5Page - Diodes Incorporated AL5815 Datasheet HTML 6Page - Diodes Incorporated AL5815 Datasheet HTML 7Page - Diodes Incorporated AL5815 Datasheet HTML 8Page - Diodes Incorporated AL5815 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AL5815/AL5816
Document number: DS39991 Rev. 3 - 2
4 of 12
www.diodes.com
July 2018
© Diodes Incorporated
AL5815/AL5816
Electrical Characteristics (VCC = 12V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ.
Max
Unit
POWER SUPPLY
VUVLO
Under-Voltage Lockout
Voltage
VIN Rising (1V/ms)
-
4.2
4.4
V
VIN Falling (1V/ms)
3.6
3.85
-
ICC
Supply Current
VCC = 4.5V to 60V, IOUT = 10mA
-
10.25
11
mA
IQ
Quiescent Current into VCC
VCC = 4.5V to 60V, IOUT = 0mA
-
0.25
1
mA
ISHDN
(AL5815)
Shutdown Supply Current
VENB > 2.5V, VCC = 4.5V to 60V
-
3
20
µA
VENB_TH
(AL5815)
ENB Threshold Voltage
-
0.4
1.3
2
V
RENB
(AL5815)
ENB Pin Internal Pull Down
Resistor
-
1.3
2
2.7
MΩ
VPWM_TH
( AL5816)
PWM Pin Threshold Voltage
VCC = 4.5V to 60V, VPWM Falling
2.37
2.5
2.63
V
VPWM_TH_HYS
( AL5816)
PWM Pin Threshold Voltage
Hysteresis
-
-
0.1
-
V
IPWM
( AL5816)
PWM Pin Internal Pull Up
Current
VPWM = 5V, VCC = 4.5V to 60V
-20
-15
-11
µA
FEEDBACK LOOP
VFB
Feedback Voltage
VCC = 4.5V to 60V
0.192
0.2
0.208
V
VREF_LINE
Reference Voltage Line
Regulation
VCC = 4.5V to 19V
-
0.2
2
mV
IFB
FB Input Bias Current
VFB = 0.2V
-200
-125
-80
nA
OUTPUT DRIVER ERROR AMPLIFIER
IOUTSOURCE Maximum Source Current
VOUT = 0V, VCC = 4.5V to 60V
-
-
-15
mA
VOUT = 1V, VCC = 4.5V to 60V
-
-
-15
mA
VOUT = 2V, VCC = 4.5V to 60V
-
-
-11
mA
VOUT = 4V, VCC = 6.0V to 60V
-
-
-5
mA
IOUTSINK
(AL5815)
Maximum Sink Current
VCC = 12V, VENB = 0V.
VOUT = 4V, VFB = 250mV
20
-
-
µA
IOUTSINK
( AL5816)
Maximum Sink Current
VCC = 12V, VPWM = 0V
VOUT = 4V, VFB = 250mV
1
-
-
mA
Gm
Trans-conductance of Error
Amplifier (Sourcing)
Δ VFB = 5mV
-
5
-
A/V
fBW
Bandwidth (From FB to OUT) No Loading (Note 6)
-
50
-
kHz
VOUT_MAX
Maximum Output Voltage
VCC
≥6V, IOUT = -1mA
4
-
-
V
VOUT_MIN
Minimum Output Voltage
VCC = 12V, VPWM = 0V.
IOUT = 0.1mA, VFB = 250mV
-
-
300
mV
tON
(AL5815)
Turn On Delay Time
ENB Active Low (Note 6)
-
85
-
µs
tOFF
(AL5815)
Turn Off Delay Time
ENB Active High (Note 6)
-
1
-
µs
tON
( AL5816)
Turn On Delay Time
PWM Active High (Note 6)
-
1
-
µs
tOFF
( AL5816)
Turn Off Delay Time
PWM Active Low (Note 6)
-
1
-
µs
THERMAL SHUTDOWN
TSHDN
Thermal Shutdown
(Note 6)
-
+160
-
°C
THYS
Thermal Shutdown Hysteresis (Note 6)
-
+30
-
°C
Note:
6. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com