Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5817 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL5817
Description  60V LINEAR DIMMABLE LED CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5817 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL5817 Datasheet HTML 1Page - Diodes Incorporated AL5817 Datasheet HTML 2Page - Diodes Incorporated AL5817 Datasheet HTML 3Page - Diodes Incorporated AL5817 Datasheet HTML 4Page - Diodes Incorporated AL5817 Datasheet HTML 5Page - Diodes Incorporated AL5817 Datasheet HTML 6Page - Diodes Incorporated AL5817 Datasheet HTML 7Page - Diodes Incorporated AL5817 Datasheet HTML 8Page - Diodes Incorporated AL5817 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AL5817
Document number: DS40391 Rev. 3 - 2
4 of 13
www.diodes.com
August 2018
© Diodes Incorporated
AL5817
ESD Ratings
Symbol
Parameter
Rating
Unit
VESD
Human-Body Model (HBM)
2000
V
Charged-Device Model (CDM)
1000
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VVCC
Supply Voltage Range Relative to GND Pin
4.5
60
V
VOUT
OUT Voltage Range
0
4
V
IOUT
OUT Pin Current
0
15
mA
VVSET
VSET Pin Operating Input Voltage Range
0
0.6
V
TJ
Operating Junction Temperature Range
-40
+125
°C
TA
Operating Ambient Temperature
-40
+105
°C
Thermal Information (Notes 5 and 6)
Symbol
Parameter
Rating
Unit
θJA
Junction-To-Ambient Thermal Resistance
90
°C/W
θJC
Junction-To-Case (Top) Thermal Resistance
39
°C/W
Note:
5. Dominant conduction path via exposed pad.
6. Test condition for MSOP-8EP: Device mounted on FR-4 PCB (51mm x 51mm 2oz copper, minimum recommended pad layout on top layer and thermal
vias to bottom layer ground plane. For better thermal performance, larger copper pad for heat-sink is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com