Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8861 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL8861
Description  40V 1.5A BUCK LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8861 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL8861 Datasheet HTML 1Page - Diodes Incorporated AL8861 Datasheet HTML 2Page - Diodes Incorporated AL8861 Datasheet HTML 3Page - Diodes Incorporated AL8861 Datasheet HTML 4Page - Diodes Incorporated AL8861 Datasheet HTML 5Page - Diodes Incorporated AL8861 Datasheet HTML 6Page - Diodes Incorporated AL8861 Datasheet HTML 7Page - Diodes Incorporated AL8861 Datasheet HTML 8Page - Diodes Incorporated AL8861 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AL8861
Document number: DS39435 Rev. 3 - 2
4 of 18
www.diodes.com
October 2017
© Diodes Incorporated
AL8861
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
4.5
40
V
fSW
Switching Frequency
—
1
MHz
IOUT
Continuous Output Current
TSOT25
—
1
A
SOT89-5
—
1.5
MSOP-8EP
—
1.5
TA
Operating Ambient Temperature
-40
+85
°C
TJ
Operating Junction Temperature
-40
+125
°C
—
Recommended Analog Dimming Range
5
100
%
Electrical Characteristics (@VIN = 16V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SUPPLY VOLTAGE
VIN
Input Voltage
—
4.5
—
40
V
IQ
Quiescent Current
VSET Pin Floating, VIN = 16V
—
0.55
—
mA
ISHDN
Shutdown Supply Current
VSET Pin Grounded
—
55
100
µA
VSENSE
Mean Current Sense Threshold Voltage
Measured on ISENSE Pin with
Respect to VIN
96
100
104
mV
VSENSE_HYS
Sense Threshold Hysteresis
—
—
±13
—
%
ISENSE
ISENSE Pin Input Current
VSENSE = VIN -0.1V
—
8
—
µA
VEN
VSET Range on VSET Pin
For Analog Dimming
0.3
—
2.5
V
VEN(ON)
DC Voltage on VSET Pin to Enable
VEN Rising
—
0.25
—
V
VEN(OFF)
DC Voltage on VSET Pin to Disable
VEN Falling
—
0.2
—
V
RLX
LX Switch On-Resistance
@ILX = 100mA
—
0.2
—
Ω
ILX(LEAK)
LX Switch Leakage Current
—
—
—
5
μA
tSS
Soft-Start Time
VIN = 16V, CEN = 1nF
—
1.5
—
ms
fLX
Operating Frequency
VI = 16V, VO = 9.6V (3 LEDs)
L = 47μF, ΔI = 0.25A (ILED = 1A)
—
250
—
kHz
tON_REC
Recommended Minimum Switch ON
Time
For 4% Accuracy
—
500
—
ns
fLX(MAX)
Recommended Maximum Switch
Frequency
—
—
—
1.0
MHz
DLX(MAX)
Max Duty Circle
—
—
98
—
%
DLX
Recommended Duty Cycle Range
—
25
—
75
%
tPD
Internal Comparator Propagation Delay
(Note 8)
—
—
45
—
ns
TOTP
Overtemperature Protection
—
—
+150
—
°C
TOTP_HYS
Temp Protection Hysteresis
—
—
+30
—
°C
IXL(MAX)
Current Limit
Peak Inductor Current
2
—
—
A
Note:
8. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com