Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5724 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP5724
Description  WHITE LED STEP-UP CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5724 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP5724_13 Datasheet HTML 7Page - Diodes Incorporated AP5724_13 Datasheet HTML 8Page - Diodes Incorporated AP5724_13 Datasheet HTML 9Page - Diodes Incorporated AP5724_13 Datasheet HTML 10Page - Diodes Incorporated AP5724_13 Datasheet HTML 11Page - Diodes Incorporated AP5724_13 Datasheet HTML 12Page - Diodes Incorporated AP5724_13 Datasheet HTML 13Page - Diodes Incorporated AP5724_13 Datasheet HTML 14Page - Diodes Incorporated AP5724_13 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AP5724
Document number: DS31843 Rev. 4 - 2
12 of 15
www.diodes.com
December 2013
© Diodes Incorporated
AP5724
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
(1) SOT26
(2) TSOT26
(3) U-DFN2020-6 Type C
SOT26
Dim
Min
Max
Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D
⎯
⎯
0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15
α
0°
8°
⎯
All Dimensions in mm
TSOT26
Dim
Min
Max
Typ
A
−
1.00
−
A1
0.01
0.10
−
A2
0.84
0.90
−
D
−
−
2.90
E
−
−
2.80
E1
−
−
1.60
b
0.30
0.45
−
c
0.12
0.20
−
e
−
−
0.95
e1
−
−
1.90
L
0.30
0.50
L2
−
−
0.25
θ
0°
8°
4°
θ1
4°
12°
−
All Dimensions in mm
U-DFN2020-6
Type C
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0.00
0.05
0.02
A3
––
––
0.15
b
0.25
0.35
0.30
D
1.95 2.075 2.00
D2
1.55
1.75
1.65
E
1.95 2.075 2.00
E2
0.86
1.06
0.96
e
––
––
0.65
L
0.25
0.35
0.30
Z
––
––
0.20
All Dimensions in mm
A
M
J
L
D
B C
H
K
c
A1
L
E1
E
A2
D
e1
e
6x b
θ
4x 1
θ
L2
A
D
D2
E
e
b
L
E2
A
A1
A3
Seating Plane
Pin #1 ID
Z (4x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com