Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL8862SP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL8862SP
Description  60V 1A STEP-DOWN LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8862SP Datasheet(HTML) 2 Page - Diodes Incorporated

  AL8862SP Datasheet HTML 1Page - Diodes Incorporated AL8862SP Datasheet HTML 2Page - Diodes Incorporated AL8862SP Datasheet HTML 3Page - Diodes Incorporated AL8862SP Datasheet HTML 4Page - Diodes Incorporated AL8862SP Datasheet HTML 5Page - Diodes Incorporated AL8862SP Datasheet HTML 6Page - Diodes Incorporated AL8862SP Datasheet HTML 7Page - Diodes Incorporated AL8862SP Datasheet HTML 8Page - Diodes Incorporated AL8862SP Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AL8862
Document number: DS40375 Rev. 1 - 2
2 of 16
www.diodes.com
December 2017
© Diodes Incorporated
AL8862
Typical Applications Circuit
VIN SET
CTRL
GND
SW
C1
RSET
L1
D1
AL8862
VIN: 5-60V
Pin Descriptions
Pin Number
Pin Name
Function
1
SET
Set Nominal Output Current Pin. Connect resistor RSET from this pin to VIN to define nominal average
output current.
2,7
GND
Ground of IC
3
NC
No connection
4
VIN
Input voltage (5
V to 60V). Decouple to ground with 10μF or higher X7R ceramic capacitor close to
device.
5,6
SW
Switch Pin. Connect inductor/freewheeling diode here, minimizing track length at this pin to reduce EMI.
8
CTRL
Multi-function On/Off and brightness control pin:
Leave floating for normal operation.
Drive to voltage below 0.3V to turn off output current
Drive with DC voltage (0.4V < VSET< 2.5V) to adjust output current from 10% to 100% of
IOUT_NOM
Drive with an analog voltage >2.6V output current will be 100% of IOUT_NOM
A PWM signal (Low level <0.3V, High level >2.6V, transition times less than 1us) allows the
output current to be adjusted over a wide range up to 100%
Connect a capacitor from this pin to ground to increase soft-start time.
(Default soft-start time = 0.1ms. Additional soft-start time is approx. 1.5ms/1nF)
EP
EP
Exposed pad/TAB connects to GND and thermal mass for enhanced thermal impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com