Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1362 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # ZXLD1362
Description  60V 1A LED DRIVER WITH AEC-Q100
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1362 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button ZXLD1362 Datasheet HTML 17Page - Diodes Incorporated ZXLD1362 Datasheet HTML 18Page - Diodes Incorporated ZXLD1362 Datasheet HTML 19Page - Diodes Incorporated ZXLD1362 Datasheet HTML 20Page - Diodes Incorporated ZXLD1362 Datasheet HTML 21Page - Diodes Incorporated ZXLD1362 Datasheet HTML 22Page - Diodes Incorporated ZXLD1362 Datasheet HTML 23Page - Diodes Incorporated ZXLD1362 Datasheet HTML 24Page - Diodes Incorporated ZXLD1362 Datasheet HTML 25Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ZXLD1362
Document number: DS33472 Rev. 6 - 2
21 of 25
www.diodes.com
March 2014
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXLD1362
Application Information (cont.)
Reducing Output Ripple
Peak to peak ripple current in the LED(s) can be reduced, if required, by shunting a capacitor Cled across the LED(s) as shown below:
 
VIN
VIN
ISENSE
LX
ZXLD1362
Rs
L1
Cled
LED
D1
A value of 1
μF will reduce the supply ripple current by a factor three (approx.). Proportionally lower ripple can be achieved with higher capacitor
values. Note that the capacitor will not affect operating frequency or efficiency, but it will increase start-up delay, by reducing the rate of rise of
LED voltage.
By adding this capacitor the current waveform through the LED(s) changes from a triangular ramp to a more sinusoidal version without altering
the mean current value.
Operation at Low Supply Voltage
Below the under-voltage lockout threshold (VSD) the drive to the output transistor is turned off to prevent device operation with excessive on-
resistance of the output transistor. The output transistor is not full enhanced until the supply voltage exceeds approximately 17V. At supply
voltages between VSD and 17V care must be taken to avoid excessive power dissipation due to the on-resistance.
If the supply voltage is always less than 30V continuous an alternative device is available, the ZXLD1360 or the AL8805.
Note that when driving loads of two or more LEDs, the forward drop will normally be sufficient to prevent the device from switching below
approximately 6V. This will minimize the risk of damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com