Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60CTQ045 Datasheet(PDF) 2 Page - International Rectifier

Part # 60CTQ045
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60CTQ045 Datasheet(HTML) 2 Page - International Rectifier

  60CTQ045 Datasheet HTML 1Page - International Rectifier 60CTQ045 Datasheet HTML 2Page - International Rectifier 60CTQ045 Datasheet HTML 3Page - International Rectifier 60CTQ045 Datasheet HTML 4Page - International Rectifier 60CTQ045 Datasheet HTML 5Page - International Rectifier 60CTQ045 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
60CTQ045
Bulletin PD-20267 rev. B 12/01
2
www.irf.com
60CTQ045
T
J
Max. Junction Temperature Range
-65 to 150
°C
Tstg
Max. Storage Temperature Range
-65 to 175
°C
R
thJC Max. Thermal Resistance
1.2
°C/W DC operation
Junction to Case
(Per Leg)
R
thCS Typical Thermal Resistance
0.50
°C/W Mounting surface, smooth and greased
Case to Heatsink
wt
Approximate Weight
2 (0.07)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Non-lubricated threads
Max.
12 (10)
Thermal-Mechanical Specifications
Parameters
Values
Units Conditions
Kg-cm
(Ibf-in)
V
FM
Max. Forward Voltage Drop
0.51
0.56
V
@ 30A
TJ = 25 °C
0.66
0.72
V
@ 60A
(1)
0.48
0.53
V
@ 30A
T
J = 125 °C
0.68
0.75
V
@ 60A
I
RM
Max. Instantaneus Reverse Current 0.33
2
mA
TJ = 25 °C
Rated DC voltage
145
250
mA
TJ = 125 °C
CT
Max. Junction Capacitance
2000
pF
VR = 5VDC (test signal range 100Khz to 1Mhz) 25°C
LS
Typical Series Inductance
8.0
nH
Measured from top of terminal to mounting plane
dv/dt Max. Voltage Rate of Change
10000
V/ µs
(Rated VR)
Electrical Specifications
Parameters
Typ. Max. Units Conditions
(1) Pulse Width < 300µs, Duty Cycle <2%
I
F(AV) Max. Average Forward (PerLeg)
30
A
50% duty cycle @ T
C = 113°C, rectangular wave form
Current
(Per Device)
60
I
FRM
Peak Repetitive Forward
60
A
Rated V
R, square wave, 20kHz
Current
(Per Leg)
TC =113°C
I
FSM
Max.PeakOneCycleNon-Repetitive
1500
A
5µsSineor3µsRect.pulse
Surge Current
(Per Leg)
300
10msSineor6msRect.pulse
E
AS
Non-RepetitiveAvalancheEnergy
20
mJ
T
J = 25°C, IAS = 3Amps, L = 4.40mH
(Per Leg)
I
AR
Repetitive Avalanche Current
3
A
Current decaying linearty to zero in 1 µsec
(Per Leg)
Frequency limited by TJ max. VA = 1.5 x VR typical
Absolute Maximum Ratings
Parameters
Values
Units Conditions
Following any rated load
condition and with rated
VRRM applied
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
45
Voltage Ratings
Parameters



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com