Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5116 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC5116
Description  3A, 40V Asynchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5116 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC5116 Datasheet HTML 1Page - E-CMOS Corporation EC5116 Datasheet HTML 2Page - E-CMOS Corporation EC5116 Datasheet HTML 3Page - E-CMOS Corporation EC5116 Datasheet HTML 4Page - E-CMOS Corporation EC5116 Datasheet HTML 5Page - E-CMOS Corporation EC5116 Datasheet HTML 6Page - E-CMOS Corporation EC5116 Datasheet HTML 7Page - E-CMOS Corporation EC5116 Datasheet HTML 8Page - E-CMOS Corporation EC5116 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
EC5116
E-CMOS Corp. (www.ecmos.com.tw)
7I26N-Rev. F001
3A, 40V Asynchronous Step-Down Converter
4/12
Pin Description
PIN
SOP8
Name
Description
1
SW
SW is the switching node that supplies power to the output. Connect the output LC filter from
SW to the output load.
2
EN
Drive EN pin high to turn on the regulator and low to turn off the regulator.
3
COMP
Compensation pin. Comp is used to compensate the regulation control loop. Connect a series
RC network from COMP to GND to compensate the regulation control loop. One ceramic cap
such as several tens pF is usually connected from COMP to GND to decouple the voltage noise
.
4
FB
Output feedback pin. FB senses the output voltage and is regulated by the control loop to FB
reference voltage 0.8V. Connect a resistive divider at FB.
5
GND
Ground.
6
RT
Voltage at the RT pin is regulated at 1.2V. Switch frequency of the regulator can be adjusted by
connecting a resistor at the RT pin to ground.
7
VIN
Input voltage pin. VINsupplies power to the IC. Connect a 3.8V to 40V supply to VIN and
bypass VIN to GND with a suitably large capacitor to eliminate noise on the input pin to the IC.
8
BST
Bootstrap pin for top switch. A 0.1uF or larger capacitor should be connected between this pin
and SW pin to supply current to the top switch and top switch driver.
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com