Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP-07DP Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OP-07DP
Description  Low Offset, Low Drift Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OP-07DP Datasheet(HTML) 3 Page - National Semiconductor (TI)

  OP-07DP Datasheet HTML 1Page - National Semiconductor (TI) OP-07DP Datasheet HTML 2Page - National Semiconductor (TI) OP-07DP Datasheet HTML 3Page - National Semiconductor (TI) OP-07DP Datasheet HTML 4Page - National Semiconductor (TI) OP-07DP Datasheet HTML 5Page - National Semiconductor (TI) OP-07DP Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics
Unless otherwise specified VS e g15V TA e 25 C Boldface type refers to limits over 0 C s TA s 70 C
Symbol
Parameter
Conditions
OP-07E
OP-07C
Units
Min
Typ
Max
Min
Typ
Max
VOS
Input Offset Voltage
(Note 1)
30
75
60
150
m
V
45
130
85
250
VOSt
Long-Term VOS
(Note 2)
03
15
04
20
m
VMo
Stability
IOS
Input Offset Current
05
38
08
60
nA
09
53
16
80
IB
Input Bias Current
g
12
g
40
g
18
g
70
nA
g
15
g
55
g
22
g
90
enp-p
Input Noise Voltage
01 Hz to 10 Hz (Note 3)
035
06
038
065
m
Vp-p
en
Input Noise Voltage
fO e 10 Hz
103
180
105
200
Density
fO e 100 Hz (Note 3)
100
130
102
135
nV
0Hz
fO e 1000 Hz
96
110
98
115
inp-p
Input Noise Current
01 Hz to 10 Hz (Note 3)
14
30
15
35
pAp-p
in
Input Noise Current
fO e 10 Hz
032
080
035
090
Density
fO e 100 Hz (Note 3)
014
023
015
027
pA
0Hz
fO e 1000 Hz
012
017
013
018
RIN
Input Resistance
(Note 4)
15
50
8
33
MX
Differential-Mode
RINCM
Input Resistance
160
120
GX
Common-Mode
IVR
Input Voltage Range
g
130
g
140
g
13
g
14
V
CMRR
Common-Mode
VCM e g13V
106
123
100
120
dB
Rejection Ratio
103
123
97
120
PSRR
Power Supply
VS e g3V to g18V
5
20
7
32
m
VV
Rejection Ratio
VS e g3V to g18V
732
10
51
AVO
Large Signal
RL t 2kX VO e g10V
200
500
120
400
Voltage Gain
RL t 2kX
180
450
100
400
VmV
RL t 500X VO e g05V
150
400
100
400
VS e g3V (Note 4)
VO
Output Voltage Swing
RL t 10 kX
g
125
g
130
g
120
g
130
RL t 2kX
g
120
g
128
g
115
g
128
V
RL t 2kX
g
120
g
126
g
110
g
126
RL t 1kX
g
105
g
120
g
120
SR
Slew Rate
RL t 2kX (Note 3)
01
03
01
03
V ms
BW
Closed-Loop Bandwidth
AVCL ea1 (Note 3)
04
06
04
06
MHz
RO
Output Resistance
VO e 0 IO e 060
60
X
Pd
Power Consumption
VS e g15V No Load
75
120
80
150
mW
VS e g3V No Load
4
6
4
8
Offset Adj Range
RP e 20 kX
g
4
g
4mV
TCVOS
Average Input Offset
(Note 4)
03
13
05
18
Voltage Drift Without
m
V C
External Trim
TCVOSn With External Trim
RP e 20 kX (Note 4)
03
13
04
16
TCIOS
Average Input Offset
(Note 3)
835
12
50
pA C
Current Drift
TCIB
Average Input Bias
(Note 3)
13
35
18
50
pA C
Current Drift
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com