Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMV20HVNETLX Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMV20HVNETLX
Description  3.2??.8kW Single-Phase Switched PDU with LX Platform Interface, 200??40V Outlets (20 C13 & 4 C19), C20/L6-20P, 0U, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMV20HVNETLX Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMV20HVNETLX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMV20HVNETLX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMV20HVNETLX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMV20HVNETLX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.2–3.8kW Single-Phase Switched PDU with LX
Platform Interface, 200–240V Outlets (20 C13 & 4
C19), C20/L6-20P, 0U, TAA
MODEL NUMBER: PDUMV20HVNETLX
3.2–3.8kW vertical PDU distributes, monitors and manages single-phase power in an IT or industrial
environment. Built-in network interface helps you remotely monitor load levels to prevent overloads that
cause downtime.
Description
The PDUMV20HVNETLX 3.2–3.8kW Single-Phase Switched PDU provides advanced network control
and remote power monitoring with the ability to turn on, turn off, reboot or lock out power to each outlet.
Recommended for any IT or industrial application, it features 24 switched outlets (20 C13 and 4 C19) with
included plug-lock insert sleeves to prevent cables from becoming accidentally disconnected. A 10-foot
cord with NEMA L6-20P plug connects the PDU’s C20 inlet to a compatible AC power source, generator
or protected UPS.
The built-in Java-free HTML5-based LX Platform network interface enables full remote access for PDU
status monitoring and email notifications via secure web browser, SNMP, telnet or SSH. It supports
10/100 Mbps auto-sensing for optimum communication with an Ethernet network. Optional EnviroSense2
modules (sold separately) provide a variety of environmental monitoring capabilities. Protocols supported
include HTTP, HTTPS, SMTP, SNMPv1, SNMPv2, SNMPv3, telnet, SSH, FTP, DHCP and NTP.
A digital ammeter allows you to monitor each bank’s load in real time to ensure it remains well below
maximum capacity with no danger of overload. The vertical PDU mounts in 0U of space in EIA-standard
19-inch racks using the included toolless mounting buttons or the included rack-mounting brackets. Use
the included PDUMVROTATEBRKT kit to install the unit with outlets facing the rear for better airflow or
equipment access.
Features
Distributes Network-Grade Single-Phase Power
Highlights
3.2–3.8kW 200/208/230/240V
switched PDU
q
24 individually controllable
outlets—20 C13, 4 C19
q
Built-in LX Platform interface for
24/7 remote access
q
Digital ammeter for on-site load
monitoring in real time
q
C20 inlet with 10ft NEMA L6-
20P AC power cord
q
Package Includes
PDUMV20HVNETLX 3.2–3.8kW
Single-Phase Switched PDU
q
Built-in LX Platform interface
q
Detachable NEMA L6-20P to
C19 power cord, 10 ft.
q
Configuration cable
q
(24) Plug-lock inserts
q
Rack-mounting hardware
q
PDUMVROTATEBRKT
mounting bracket accessory
q
Owner’s manual
q
1 / 4


Similar Part No. - PDUMV20HVNETLX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMV20HVNET2LX TRIPPLITE-PDUMV20HVNET2LX Datasheet
185Kb / 4P
3.3??.7kW Single-Phase Switched PDU, LX Platform Interface, 208/230V Outlets (7 C13/1C19), C20/L6-20P, 0U 1m/39 in., TAA
More results

Similar Description - PDUMV20HVNETLX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH20HVATNET TRIPPLITE-PDUMH20HVATNET Datasheet
158Kb / 4P
3.2-3.8kW Single-Phase ATS/Switched PDU, LX Platform Interface, 200-240V Outlets (8 C13 & 2 C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
PDUMH20HVNET TRIPPLITE-PDUMH20HVNET Datasheet
163Kb / 4P
3.3-3.8kW Single-Phase Switched PDU, LX Platform Interface, 208/220/230/240V Outlets (8 C13), C20 / L6-20P input, 8ft Cord, 1U Rack-Mount, TAA
PDUMNV20HV2 TRIPPLITE-PDUMNV20HV2 Datasheet
167Kb / 4P
3.2-3.8kW Single-Phase Monitored PDU, 200-240V Outlets (18-C13 & 2-C19), C20/L6-20P, 0U Vertical, 35.5 in., TAA
PDUMNV20HV2LX TRIPPLITE-PDUMNV20HV2LX Datasheet
185Kb / 4P
3.3/3.7kW Single-Phase Monitored PDU, LX Platform Interface, 208/230V Outlets (18 C13/2 C19), C20/L6-20P, 0U 90cm/35.5 in., TAA
PDUMNV20HVLX TRIPPLITE-PDUMNV20HVLX Datasheet
184Kb / 4P
3.3??.7kW Single-Phase Monitored PDU, LX Platform Interface, 208/230V Outlets (20 C13/4 C19), C20/L6-20P, 0U 1.8m/70 in., TAA
PDUMV20HV TRIPPLITE-PDUMV20HV Datasheet
153Kb / 3P
3.2-3.8kW Single-Phase Metered PDU, 200-240V Outlets (6-C19 & 32-C13 ) C20/L6-20P Cable 10ft Cord, 0U Vertical
PDUMV20HVNET2LX TRIPPLITE-PDUMV20HVNET2LX Datasheet
185Kb / 4P
3.3??.7kW Single-Phase Switched PDU, LX Platform Interface, 208/230V Outlets (7 C13/1C19), C20/L6-20P, 0U 1m/39 in., TAA
PDUMVR30HVNETLX TRIPPLITE-PDUMVR30HVNETLX Datasheet
186Kb / 4P
5/5.8kW Single-Phase Switched PDU, Outlet Monitoring, 208/240V Outlets (20 C13 & 4 C19), 0U, LX Platform Interface, TAA
PDUMNV30HVLX TRIPPLITE-PDUMNV30HVLX Datasheet
185Kb / 4P
5/5.8kW Single-Phase Monitored PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
PDUMV30HVNETLX TRIPPLITE-PDUMV30HVNETLX Datasheet
184Kb / 3P
5/5.8kW Single-Phase Switched PDU with LX Platform Interface, 208/240V Outlets (20 C13 & 4 C19), L6-30P, 0U, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com