Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL204L-D14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LL204L-D14-R
Description  DUAL OUTPUT FLASHER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LL204L-D14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LL204L-D14-R Datasheet HTML 1Page - Unisonic Technologies LL204L-D14-R Datasheet HTML 2Page - Unisonic Technologies LL204L-D14-R Datasheet HTML 3Page - Unisonic Technologies LL204L-D14-R Datasheet HTML 4Page - Unisonic Technologies LL204L-D14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LL204
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R121-012.C
DUAL OUTPUT FLASHER
DESCRIPTION
The UTC LL204 is a dual output stages flasher designed as a
relay driver for flashing light control in automotive applications. Both
sides direction indicator input with only a small control current makes
switch contacts for small loads possible. Each side of the vehicle is
controlled separately.
The construction of the hazard switch could be simplified due to
hazard warning input is separate. The flasher will dramatically
increase the flash frequency by a typical ratio of 2:1 if lamp fault is
detected. The UTC LL204 can be directly connected to the battery
due to extreme low current consumption.
FEATURES
* Temperature and supply voltage compensated flashing frequency
* Frequency doubling indicates lamp fault.
* Two relay driver outputs with high current-carrying capacity and low
saturation voltage
* Minimum lamp load for flasher operation: ≥ 1W
* Very low sensitivity to EMI
* Extremely low current consumption<10μA ( at switches open)
* Reverse polarity protection
* Three control inputs: left, right and hazard warning
DIP-14
SOP-14
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LL204L-D14-R
LL204G-D14-R
DIP-14
Tube
LL204L-S14-R
LL204G-S14-R
SOP-14
Tape Reel
MARKING
DIP-14
SOP-14
UTC
LL204
2
3
4
5
67
1
9
10
11
12
13
14
Date Code
Lot Code
8
L: Lead Free
G: Halogen Free


Similar Part No. - LL204L-D14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LL204L-D14-R UTC-LL204L-D14-R Datasheet
231Kb / 5P
DUAL OUTPUT FLASHER
More results

Similar Description - LL204L-D14-R

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2044B TEMIC-U2044B Datasheet
177Kb / 6P
Dual Output Flasher
logo
ATMEL Corporation
U2044B ATMEL-U2044B Datasheet
215Kb / 8P
DUAL OUTPUT FLASHER
logo
Unisonic Technologies
L2044 UTC-L2044 Datasheet
101Kb / 3P
DUAL OUTPUT FLASHER
LL204 UTC-LL204 Datasheet
104Kb / 4P
DUAL OUTPUT FLASHER
logo
ATMEL Corporation
U2044B ATMEL-U2044B_05 Datasheet
227Kb / 9P
Dual Output Flasher
logo
BOWIN ELECTRONIC CO.
M34-2L BOWIN-M34-2L Datasheet
21Kb / 2P
SINGLE OUTPUT LED FLASHER IC
logo
ATMEL Corporation
U2044B ATMEL-U2044B_08 Datasheet
257Kb / 9P
Dual Output Flasher
logo
Unisonic Technologies
L2044 UTC-L2044_10 Datasheet
157Kb / 3P
DUAL OUTPUT FLASHER
L2044 UTC-L2044_15 Datasheet
195Kb / 5P
DUAL OUTPUT FLASHER
LL204 UTC-LL204_15 Datasheet
231Kb / 5P
DUAL OUTPUT FLASHER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com