Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCR02 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # RCR02
Description  DECODER FOR REMOTE CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR02 Datasheet(HTML) 2 Page - Unisonic Technologies

  RCR02 Datasheet HTML 1Page - Unisonic Technologies RCR02 Datasheet HTML 2Page - Unisonic Technologies RCR02 Datasheet HTML 3Page - Unisonic Technologies RCR02 Datasheet HTML 4Page - Unisonic Technologies RCR02 Datasheet HTML 5Page - Unisonic Technologies RCR02 Datasheet HTML 6Page - Unisonic Technologies RCR02 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RCR02
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-001.C
MARKING
DIP-16
SOP-16
PIN CONFIGURATION
1
2
3
4
5
6
7
8
RDB
LEFT
RIGHT
OSCO
OSCI
SI
GND
VO2
UTC
RCR02
16
15
14
13
12
11
10
9
LDB
BACKWARD
FORWARD
TURBO
VDD
VI1
VO1
VI2
PIN DESCRIPTION
PIN NO.
PIN NAME
FUNCTION
1
VO2
Output pin for the amplifier 2
2
GND
Negative power supply
3
SI
Input pin of the encoding signal
4
OSCI
Oscillator input pin
5
OSCO
Oscillator output pin
6
RIGHT
Rightward output pin
7
LEFT
Leftward output pin
8
RDB
Rightward function disable, if this pin is connected to GND
9
LDB
Leftward function disable, if this pin is connected to GND
10
BACKWARD
Backward output pin
11
FORWARD
Forward output pin
12
TURBO
Turbo output pin
13
VDD
Positive power supply
14
VI1
Input pin for the amplifier 1
15
VO1
Output pin for the amplifier 1
16
VI2
Input pin for the amplifier 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com