Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCA9306L-SM1-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UCA9306L-SM1-R
Description  DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCA9306L-SM1-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UCA9306L-SM1-R Datasheet HTML 1Page - Unisonic Technologies UCA9306L-SM1-R Datasheet HTML 2Page - Unisonic Technologies UCA9306L-SM1-R Datasheet HTML 3Page - Unisonic Technologies UCA9306L-SM1-R Datasheet HTML 4Page - Unisonic Technologies UCA9306L-SM1-R Datasheet HTML 5Page - Unisonic Technologies UCA9306L-SM1-R Datasheet HTML 6Page - Unisonic Technologies UCA9306L-SM1-R Datasheet HTML 7Page - Unisonic Technologies UCA9306L-SM1-R Datasheet HTML 8Page - Unisonic Technologies UCA9306L-SM1-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UCA9306
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R140-004.b
DETAILED DESIGN PROCEDURE
Bidirectional Voltage Translation
For the bidirectional clamping configuration (higher voltage to lower voltage or lower voltage to higher voltage), the
EN input must be connected to VREF2 and both pins pulled to high-side VDPU through a pullup resistor (typically
200kΩ). This allows VREF2 to regulate the EN input. A100-Pf filter capacitor connected to VREF2 is recommended. The
I
2C bus master output can be push-pull or open-drain (pull up resistors may be required) and the I2C bus device
output can be totem pole or open-drain (pull up resistors are required to pull the SCL2 and SDA2 outputs to VDPU) .
However , if either output is push-pull , data must be unidirectional or the outputs must be 3-state capable and be
controlled by some direction-control mechanism to prevent high-to-low contentions in either direction . If both outputs
are open-drain , no direction control is needed.
The reference supply voltage(VREF1) is connected to the core power-supply voltage of the processor.
Design Requirements
PARAMETER
SYMBOL
MIN
TYP
(1)
MAX
UNIT
Reference voltage
VREF2
VREF1+0.6
2.1
5
V
Enable input voltage
EN
VREF1+0.6
2.1
5
V
Reference voltage
VREF1
1.2
1.5
4.4
V
Pass switch current
IPASS
6
mA
Reference-transistor current
IREF
5
μA
Note: All typical values are at TA=25°C.
Sizing Pull up Resistor
The pull up resistor value needs to limit the current through the pass transistor, when it is in the on state, to about
15mA.This ensures a pass voltage of 260 mV to 350 mV. If the current through the pass transistor is higher than
15mA, the pass voltage also is higher in the on state. To set the current through each pass transistor at 15mA, the
pullup resistor value is calculated as:
DPU
PU
V- 0.35V
R=
0.015A
The following table summarizes resistor values, reference voltages, and currents at 15mA, 10 mA, and 3mA. The
resistor value shown in the +10%column (or a larger value) should be used to ensure that the pass voltage of the
transistor is 350mV or less. The external driver must be able to sink the total current from the resistors on both sides
of the UTC UCA9306 device at 0.175V, although the 15 mA applies only to current flowing through the UTC
UCA9306
device.
Pullup Resistor Values
PULLUP RESISTOR VALUE (Ω)
15mA
10mA
3mA
VDPU
NOMINAL
+10%
NOMINAL
+10%
NOMINAL
+10%
5V
310
341
465
512
1550
1705
3.3V
197
217
295
325
983
1082
2.5V
143
158
215
237
717
788
1.8V
97
106
145
160
483
532
1.5V
77
85
115
127
383
422
1.2V
57
83
85
94
283
312
(1) Calculated for VOL=0.35V
(2) Assumes output driver VOL=0.175V at stated current
(3) +10%to compensate for VDD range and resistor tolerance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com