Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3202 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT3202
Description  3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3202 Datasheet(HTML) 4 Page - Unisonic Technologies

  UT3202 Datasheet HTML 1Page - Unisonic Technologies UT3202 Datasheet HTML 2Page - Unisonic Technologies UT3202 Datasheet HTML 3Page - Unisonic Technologies UT3202 Datasheet HTML 4Page - Unisonic Technologies UT3202 Datasheet HTML 5Page - Unisonic Technologies UT3202 Datasheet HTML 6Page - Unisonic Technologies UT3202 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UT3202
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-B37.a
ABSOLUTE MAXIMUM RATING [Over operating free-air temperature range (unless otherwise noted)]
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage Range
VCC
-0.3 ~ +6.0
V
Positive Output Supply Voltage Range (Note 2)
V+
-0.3 ~ +7.0
V
Negative Output Supply Voltage Range (Note 2)
V-
+0.3 ~ -7.0
V
Supply Voltage Difference (Note 2)
V+ - V-
+13
V
Drivers
-0.3 ~ +6.0
V
Input Voltage
Receivers
VIN
-25 ~ +25
V
Drivers
-13.2 ~ +13.2
V
Output Voltage
Receivers
VOUT
-0.3 ~ VCC+0.3
V
Operating Virtual Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-65 ~ + 150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltages are with respect to network GND.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
SOP-16
105
Junction to Ambient
TSSOP-16
θJA
118
°C/W
RECOMMENDED OPERATING CONDITIONS (See Note & Table 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=3.3V
3.0
3.3
3.6
V
Supply Voltage
VCC
VCC=5.0V
4.5
5.0
5.5
V
VCC=3.3V
2.0
Driver and Control High-level Input
Voltage
VIH
DIN
VCC=5.5V
2.4
V
Driver and Control Low-level Input
Voltage
VIL
DIN
0.8
V
Driver and Control Input Voltage
VIN
DIN
5.5
V
Logic Pullup Current
IIN
DIN=0V
15
200
μA
Receiver Input Voltage
VRIN
-25
25
V
Operating Free-Air Temperature
TA
0
70
°C
Notes: Test conditions are C1~C4=0.1μF at VCC=3.3V±0.3V; C1=0.047μF, C2~C4=0.33μF at VCC=5.0V±0.5V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com