Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3221L-R16-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UT3221L-R16-R
Description  LINE DRIVER/RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3221L-R16-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button UT3221L-R16-R Datasheet HTML 2Page - Unisonic Technologies UT3221L-R16-R Datasheet HTML 3Page - Unisonic Technologies UT3221L-R16-R Datasheet HTML 4Page - Unisonic Technologies UT3221L-R16-R Datasheet HTML 5Page - Unisonic Technologies UT3221L-R16-R Datasheet HTML 6Page - Unisonic Technologies UT3221L-R16-R Datasheet HTML 7Page - Unisonic Technologies UT3221L-R16-R Datasheet HTML 8Page - Unisonic Technologies UT3221L-R16-R Datasheet HTML 9Page - Unisonic Technologies UT3221L-R16-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
UT3221/E
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 10
www.unisonic.com.tw
QW-R103-128.C
TYPICAL APPLICATION CIRCUIT (Cont.)
UTC
UT3221E
SHUTDOWN
5kΩ
R1IN
CBYPASS
VCC
GND
3.0V~5.5V
LOGIC
OUTPUTS
LOGIC
INPUTS
VCC
GND
R1
C1+
C1-
C2+
C2-
T1IN
FORCEOFF
EN
R1OUT
V+
V-
T1OUT
C3
C4
RS-232
OUTPUTS
RS-232
INPUTS
C1
C2
T1
+
+
+
+
Fig.3 Application Circuit
Table 3. Required Capacitor Value
VCC (V)
C1 (µF)
C2, C3, C4 (µF)
CBYPASS (µF)
3.0 ~ 3.6
0.22
0.22
0.22
3.15 ~ 3.6
0.1
0.1
0.1
4.5 ~ 5.5
0.047
0.33
0.047
3.0 ~ 5.5
0.22
1.0
0.22



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com