Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UVXS0102L-S08-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # UVXS0102L-S08-R
Description  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UVXS0102L-S08-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button UVXS0102L-S08-R Datasheet HTML 3Page - Unisonic Technologies UVXS0102L-S08-R Datasheet HTML 4Page - Unisonic Technologies UVXS0102L-S08-R Datasheet HTML 5Page - Unisonic Technologies UVXS0102L-S08-R Datasheet HTML 6Page - Unisonic Technologies UVXS0102L-S08-R Datasheet HTML 7Page - Unisonic Technologies UVXS0102L-S08-R Datasheet HTML 8Page - Unisonic Technologies UVXS0102L-S08-R Datasheet HTML 9Page - Unisonic Technologies UVXS0102L-S08-R Datasheet HTML 10Page - Unisonic Technologies UVXS0102L-S08-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
UVXS0102
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 11
www.unisonic.com.tw
QW-R140-016.a
TYPICAL APPLICATION CIRCUIT
1.8V
System
Controller
0.1μF
1.8V
VCCA
VCCB
OE
A1
A2
B1
B2
GND
UTC
UVXS0102
3.3V
System
3.3V
0.1μF
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein.
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com