Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3243AG-R28-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT3243AG-R28-R
Description  DRIVERS/RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3243AG-R28-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT3243AG-R28-R Datasheet HTML 1Page - Unisonic Technologies UT3243AG-R28-R Datasheet HTML 2Page - Unisonic Technologies UT3243AG-R28-R Datasheet HTML 3Page - Unisonic Technologies UT3243AG-R28-R Datasheet HTML 4Page - Unisonic Technologies UT3243AG-R28-R Datasheet HTML 5Page - Unisonic Technologies UT3243AG-R28-R Datasheet HTML 6Page - Unisonic Technologies UT3243AG-R28-R Datasheet HTML 7Page - Unisonic Technologies UT3243AG-R28-R Datasheet HTML 8Page - Unisonic Technologies UT3243AG-R28-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
UT3243A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 10
www.unisonic.com.tw
QW-R502-B62.D
PIN CONFIGURATION
1
C2+
2
C2-
3
V-
4
R1IN
5
R2IN
6
R3IN
7
R4IN
8
R5IN
9
T1OUT
10
T2OUT
11
T3OUT
12
T3IN
13
T2IN
14
T1IN
28 C1+
27 V+
26 VCC
25 GND
24 C1-
23 FORCEON
22 FORCEOFF
21 INVALID
20 R2OUTB
19 R1OUT
18 R2OUT
17 R3OUT
16 R4OUT
15 R5OUT
UTC
UT3243A
QFN-32(5×5)
Top View
SSOP-28 / TSSOP-28
GND
C1-
FORCEON
FORCEOFF
INVALID
R2OUTB
R1OUT
R2OUT
R1IN
R2IN
R3IN
R4IN
R5IN
T1OUT
T2OUT
T3OUT
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9 10 111213 14 1516
31 30 29 28 27 26 25
32
PIN DESCRIPTION
PIN NO.
SSOP-28
TSSOP-28
QFN-32(5×5)
PIN NAME
DESCRIPTION
1
29
C2+
Positive terminal of inverting charge-pump capacitor
2
30
C2-
Negative terminal of inverting charge-pump capacitor
3
31
V-
-5.5V generated by the charge pump
4~8
1~5
RXIN
RS-232 Receiver Inputs
9~11
6~8
TXOUT
RS-232 Transmitter Outputs
12~14
10~12
TXIN
TTL/CMOS Transmitter Inputs
15~19
13~15, 7~18
RXOUT
TTL/CMOS Receiver Outputs
20
17
R2OUTB
Noninverting Receiver Output—active in shutdown
21
20
INVALID
Output of the valid signal detector. Indicates if a valid RS-232
level is present on receiver inputs logic “1”.
22
21
FORCEOFF
Drive low to shut down transmitters and on-board power supply.
This over-rides all automatic circuitry and FORCEON (Table 1).
23
22
FORCEON
Drive high to override automatic circuitry keeping transmitters on
( FORCEOFF must be high) (Table 1).
24
23
C1-
Negative terminal of the voltage doubler charge-pump capacitor
25
24
GND
Ground
26
26
VCC
+3.0V ~ +5.5V Supply Voltage
27
27
V+
+5.5V generated by the charge pump
28
28
C1+
Positive terminal of the voltage doubler charge-pump capacitor
-
9, 16, 25, 32
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com