Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSJ18NF3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSJ18NF3LL
Description  LOW GATE CHARGE STripFET II POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSJ18NF3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STSJ18NF3LL Datasheet HTML 1Page - STMicroelectronics STSJ18NF3LL Datasheet HTML 2Page - STMicroelectronics STSJ18NF3LL Datasheet HTML 3Page - STMicroelectronics STSJ18NF3LL Datasheet HTML 4Page - STMicroelectronics STSJ18NF3LL Datasheet HTML 5Page - STMicroelectronics STSJ18NF3LL Datasheet HTML 6Page - STMicroelectronics STSJ18NF3LL Datasheet HTML 7Page - STMicroelectronics STSJ18NF3LL Datasheet HTML 8Page - STMicroelectronics STSJ18NF3LL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
March 2005
STSJ18NF3LL
N-CHANNEL 30V - 0.016
Ω - 18A PowerSO-8™
LOW GATE CHARGE STripFET™ II POWER MOSFET
Rev. 1.0
Figure 1:Package
Table 1: General Features
■
TYPICAL RDS(on) = 0.016 Ω @ 10V
■
TYPICAL Qg = 12.5 nC @ 4.5 V
■
CONDUCTION LOSSES REDUCED
■
SWITCHING LOSSES REDUCED
■
IMPROVED JUNCTION-CASE THERMAL
RESISTANCE
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics
unique
“Single
Feature
Size™” strip-based process. This silicon, housed
in thermally improved SO-8™ package, exhibits
optimal on-resistance versus gate charge trade-
off plus lower Rthj-c.
APPLICATIONS
■
SPECIFICALLY DESIGNED AND OPTIMISED
FOR HIGH EFFICIENCY CPU CORE DC/DC
CONVERTERS FOR MOBILE PCS
TYPE
VDSS
RDS(on)
ID
STSJ18NF3LL
30 V
<0.019
Ω
18 A
PowerSO-8™
Figure 2: Internal Schematic Diagram
DRAIN CONTACT ALSO ON THE BACKSIDE
Table 2: Order Codes
Table 3: ABSOLUTE MAXIMUM RATING
(
•) Pulse width limited bysafe operating area.
(*) Value limited by wires bonding
SALES TYPE
MARKING
PACKAGE
PACKAGING
STSJ18NF3LL
18F3LL)
PowerSO-8
TAPE & REEL
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 16
V
ID
Drain Current (continuous) at TC = 25°C (*)
18
A
ID
Drain Current (continuous) at TC = 100°C(*)
18
A
IDM(•)
Drain Current (pulsed)
72
A
Ptot
Total Dissipation at TC = 25°C
Total Dissipation at TC = 25°C (#)
70
3
W
W


Similar Part No. - STSJ18NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL Datasheet
107Kb / 6P
N-CHANNEL 30V - 0.0027 ohm - 100A PowerSO-8??STripFET??III POWER MOSFET FOR DC-DC CONVERSION
Sep-2003
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL Datasheet
456Kb / 11P
N-CHANNEL 30 V - 0.0032 ohm - 25 A PowerSO-8 STripFET III MOSFET FOR DC-DC CONVERSION
16-Nov-2005
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL_05 Datasheet
456Kb / 11P
N-CHANNEL 30 V - 0.0032 ohm - 25 A PowerSO-8 STripFET III MOSFET FOR DC-DC CONVERSION
16-Nov-2005
STSJ100NHS3LL STMICROELECTRONICS-STSJ100NHS3LL Datasheet
293Kb / 12P
N-channel 30V - 0.0032ohm - 20A - PowerSO-8 STripFET III Power MOSFET plus monolithic schottky
18-Jul-2006
More results

Similar Description - STSJ18NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB90NF3LL STMICROELECTRONICS-STB90NF3LL Datasheet
175Kb / 7P
N-CHANNEL 30V - 0.0048 ohm - 80A D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Sep-2002
STD15NF10 STMICROELECTRONICS-STD15NF10 Datasheet
412Kb / 13P
N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
08-Aug-2006
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Feb-2003
STP40NF12 STMICROELECTRONICS-STP40NF12 Datasheet
283Kb / 8P
N-CHANNEL 120V - 0.028W - 40A TO-220 LOW GATE CHARGE STripFET™ II POWER MOSFET
Oct-2003
STS8C5H30L STMICROELECTRONICS-STS8C5H30L Datasheet
442Kb / 11P
LOW GATE CHARGE StripFET III MOSFET
10-Sep-2004
STB70NF3LL STMICROELECTRONICS-STB70NF3LL_06 Datasheet
465Kb / 13P
N-channel 30V - 0.0075ohm - 70A - D2PAK Low gate charge STripFET TM II Power MOSFET
25-Jul-2006
STD40NF3LL STMICROELECTRONICS-STD40NF3LL_07 Datasheet
394Kb / 13P
N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
20-Feb-2007
STP40NF10 STMICROELECTRONICS-STP40NF10_07 Datasheet
238Kb / 12P
N-channel 100V - 0.025??- 50A TO-220 Low gate charge STripFET??II Power MOSFET
31-Jan-2007
STD26NF10 STMICROELECTRONICS-STD26NF10 Datasheet
397Kb / 13P
N-channel 100V - 0.033Ω - 25A - DPAK Low gate charge STripFET™II Power MOSFET
20-Apr-2007
STD25NF10LT4 STMICROELECTRONICS-STD25NF10LT4 Datasheet
432Kb / 13P
N-channel 100V - 0.030Ohm - 25A - DPAK Low gate charge STripFET II Power MOSFET
03-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com