Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3231 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS3231
Description  Extremely Accurate I2C-Integrated RTC/TXO/Crystal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3231 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS3231 Datasheet HTML 7Page - Dallas Semiconductor DS3231 Datasheet HTML 8Page - Dallas Semiconductor DS3231 Datasheet HTML 9Page - Dallas Semiconductor DS3231 Datasheet HTML 10Page - Dallas Semiconductor DS3231 Datasheet HTML 11Page - Dallas Semiconductor DS3231 Datasheet HTML 12Page - Dallas Semiconductor DS3231 Datasheet HTML 13Page - Dallas Semiconductor DS3231 Datasheet HTML 14Page - Dallas Semiconductor DS3231 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DS3231 I2C interface may be placed into a known state
by toggling SCL until SDA is observed to be at a high
level. At that point the microcontroller should pull SDA
low while SCL is high, generating a START condition.
Clock and Calendar
The time and calendar information is obtained by read-
ing the appropriate register bytes. Figure 1 illustrates the
RTC registers. The time and calendar data are set or ini-
tialized by writing the appropriate register bytes. The con-
tents of the time and calendar registers are in the
binary-coded decimal (BCD) format. The DS3231 can be
run in either 12-hour or 24-hour mode. Bit 6 of the hours
register is defined as the 12- or 24-hour mode select bit.
When high, the 12-hour mode is selected. In the 12-hour
mode, bit 5 is the AM/PM bit with logic-high being PM. In
the 24-hour mode, bit 5 is the second 10-hour bit (20–23
hours). The century bit (bit 7 of the month register) is tog-
gled when the years register overflows from 99 to 00.
The day-of-week register increments at midnight.
Values that correspond to the day of week are user-
defined but must be sequential (i.e., if 1 equals
Sunday, then 2 equals Monday, and so on). Illogical
time and date entries result in undefined operation.
When reading or writing the time and date registers, sec-
ondary (user) buffers are used to prevent errors when
the internal registers update. When reading the time and
date registers, the user buffers are synchronized to the
internal registers on any START and when the register
pointer rolls over to zero. The time information is read
from these secondary registers, while the clock contin-
ues to run. This eliminates the need to reread the regis-
ters in case the main registers update during a read.
Extremely Accurate I2C-Integrated
RTC/TCXO/Crystal
____________________________________________________________________
11
Figure 1. Timekeeing Registers
Note: Unless otherwise specified, the registers’ state is not defined when power is first applied.
ADDRESS
BIT 7
MSB
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LSB
FUNCTION
RANGE
00H
0
10 Seconds
Seconds
Seconds
00–59
01H
0
10 Minutes
Minutes
Minutes
00–59
AM/PM
02H
0
12/24
10 Hour
10 Hour
Hour
Hours
1–12 + AM/PM
00–23
03H
0
0
0
0
0
Day
Day
1–7
04H
0
0
10 Date
Date
Date
00–31
05H
Century
00
10 Month
Month
Month/
Century
01–12 +
Century
06H
10 Year
Year
Year
00–99
07H
A1M1
10 Seconds
Seconds
Alarm 1 Seconds
00–59
08H
A1M2
10 Minutes
Minutes
Alarm 1 Minutes
00–59
AM/PM
09H
A1M3
12/24
10 Hour
10 Hour
Hour
Alarm 1 Hours
1–12 + AM/PM
00–23
Day
Alarm 1 Day
1–7
0AH
A1M4
DY/DT
10 Date
Date
Alarm 1 Date
1–31
0BH
A2M2
10 Minutes
Minutes
Alarm 2 Minutes
00–59
AM/PM
0CH
A2M3
12/24
10 Hour
10 Hour
Hour
Alarm 2 Hours
1–12 + AM/PM
00–23
Day
Alarm 2 Day
1–7
0DH
A2M4
DY/DT
10 Date
Date
Alarm 2 Date
1–31
0EH
EOSC
BBSQW
CONV
RS2
RS1
INTCN
A2IE
A1IE
Control
—
0FH
OSF
00
0
EN32kHz
BSY
A2F
A1F
Control/Status
—
10H
SIGN
DATA
DATA
DATA
DATA
DATA
DATA
DATA
Aging Offset
—
11H
SIGN
DATA
DATA
DATA
DATA
DATA
DATA
DATA
MSB of Temp
—
12H
DATA
DATA
00
00
00
LSB of Temp
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com