Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3JB Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # S3JB
Description  Surface Mount Glass Passivated Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

S3JB Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  S3JB Datasheet HTML 1Page - HY ELECTRONIC CORP. S3JB Datasheet HTML 2Page - HY ELECTRONIC CORP. S3JB Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features 特征
SMB
●
For surface mounted applications 适用于表面贴装
●
Low reverse leakage current 反向漏电流小
RoHS
●
Low forward voltage drop 正向压降低
COMPLIANT
●
High surge capacity 耐浪涌能力高
●
Meet UL flammability classification 94V-0 符合UL 94V-0阻燃等级
Mechanical Data 外观信息
●
Case: JEDEC SMB molded plastic 封装:SMB塑封
●
Polarity: Color band denotes cathode 极性:阴极色环标识
●
Mounting position: Any 安装位置:不限
Applications 应用
●
For use in low voltage, high frequency inverters,
polarity protection applications
应用于低压,高频变换器,极性保护
Maximum Ratings and Electrical Characteristics 最大额定值及电气特性
Rating at 25℃ ambient temperature unless otherwise specified. 环境温度25℃,除非特别说明。
Single phase, half wave, 60Hz, resistive or inductive load. 单相半波, 60Hz, 阻性或感性负载。
For capacitive load, derate current by 20%. 对于电容性负载,降低20%的额定电流。
Characteristics
特性
Symbol
符号
S3AB
S3BB
S3DB
S3GB
S3JB
S3KB
S3MB
Unit
单位
Maximum Repetitive Peak Reverse Voltage
最大重复峰值反向电压
Maximum RMS Voltage 最大有效反向电压
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage 最大直流阻断电压
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current @TL=75 ℃
最大正向平均整流电流
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
8.3mS单一正弦半波叠加在额定负载上的浪涌能力(JEDEC方法)
I
2t Rating for Fusing (t<8.3mS) 熔断额定值 (t<8.3mS)
I
2t
A
2s
Peak Forward Voltage at 3.0A DC (Note1)
在3.0 A 电流下的正向峰值电压(备注1)
Maximum DC Reverse Current @TJ=25℃
at Rated DC Blocking Voltage @TJ=125℃
在额定直流电压下的最大反向直流电流
Typical Junction Capacitance (Note 2) 典型结电容
CJ
pF
Typical Thermal Resistance Junction to Lead
结到引线的典型热阻值
Typical Thermal Resistance Junction to Ambient
结到环境的典型热阻值
Operating Junction Temperature Range 结温工作范围
TJ
℃
Storage Temperature Range 储存温度范围
TSTG
℃
Notes: 1. 300uS pulse width, 2%duty cycle. 300uS脉宽,2%占空比。
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 在1MHz,4.0V条件下测试
3. The typical data above is for reference only . 典型值仅供参考。
S3*B-13-00-00
Rev. 9, 30-Jan-2019
℃/W
℃/W
-55 to+150
Forward Current - 3.0 Amperes
正向电流 3.0A
IR
250
RθJL
10
40
800
3.0
100
A
600
400
-55 to+150
www.hygroup.com.tw
S3AB THRU S3MB
uA
IFSM
100
A
V
5.0
VRRM
50
Pb
Surface Mount Glass Passivated Rectifiers
贴片式玻璃钝化整流器
封装外观尺寸单位英寸(毫米)
RθJA
50
Package Outline Dimensions in Inches (Millimeters)
Reverse Voltage - 50 to 1000Volts
反向电压 50-1000V
VF
1.1
200
1000
V
I(AV)
41.5


Similar Part No. - S3JB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3JB DIODES-S3JB Datasheet
48Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
List of Unclassifed Man...
S3JB ETC1-S3JB Datasheet
67Kb / 2P
3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Won-Top Electronics
S3JB WTE-S3JB Datasheet
45Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S3JB TSC-S3JB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3JB TSC-S3JB Datasheet
143Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
More results

Similar Description - S3JB

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
S2A HY-S2A Datasheet
37Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S2AA HY-S2AA Datasheet
99Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S3AB HY-S3AB_17 Datasheet
138Kb / 3P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Yixinwei Techn...
S1AL YIXIN-S1AL Datasheet
163Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S2A HY-S2A_19 Datasheet
271Kb / 3P
Surface Mount Glass Passivated Rectifiers
S1AL HY-S1AL_18 Datasheet
192Kb / 3P
Surface Mount Glass Passivated Rectifiers
S1A HY-S1A_19 Datasheet
268Kb / 3P
Surface Mount Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
SM1A DACO-SM1A Datasheet
153Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
SM5931 DACO-SM5931 Datasheet
962Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S1AL HY-S1AL_V01 Datasheet
803Kb / 3P
Surface Mount Glass Passivated Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com