Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FASAS01SFR Datasheet(PDF) 3 Page - XP Power Limited

Part # FASAS01SFR
Description  IEC Inlet with Line Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FASAS01SFR Datasheet(HTML) 3 Page - XP Power Limited

  FASAS01SFR Datasheet HTML 1Page - XP Power Limited FASAS01SFR Datasheet HTML 2Page - XP Power Limited FASAS01SFR Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
28 Jan 19
www.xppower.com
EMI Filter
Per CISPR 17, 50 Ω system
Asymmetrical (Common Mode)
Symmetrical (Differential Mode)
-
FASMA01SFR
FASMA03SFR
FASMA06SFR
FASMA10SFR
-
-20
-10
0
10
10k
100k
1M
10M
20
30
40
50
60
70
dB
FASAS01SFR/PFR
P
-20
-10
0
10
20
30
40
50
60
10k
100k
1M
10M
70
dB
FASAS03SFR/PFR
-
FASMA01SFR
FASMA03SFR
FASMA06SFR
FASMA10SFR
-
-20
-10
0
10
20
30
40
50
60
10k
100k
1M
10M
70
dB
FASAS06SFR/PFR
-20
-10
0
10
20
30
40
50
60
70
dB
10k
100k
1M
10M
FASAS10SFR/PFR
FASMA01SFR
FASMA03SFR
FASMA06SFR
FASMA10SFR
-
Typical Attenuation Curves
FASA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com