Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCSS Datasheet(PDF) 2 Page - XP Power Limited

Part # FCSS
Description  IEC Power Entry Inlet with Line Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FCSS Datasheet(HTML) 2 Page - XP Power Limited

  FCSS Datasheet HTML 1Page - XP Power Limited FCSS Datasheet HTML 2Page - XP Power Limited FCSS Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.xppower.com
2
EMI Filter
FCSS
Models & Ratings
80
0
-20
-40
020
40
60
80
100
120
20
40
60
100
Ambient Temperature (°C)
Thermal Derating
Use only with a 250V fuse
GB20213746.5 CN568462
TWM215052US7019612B2
PAT.
PE
L
N
N' PE'
Top View
Output Terminals: 6.3 mm x 0.8 mm Fast-ons
L'
1.73 (44.0)
1.12 (28.5)
1.28 (32.6)
1.12 (28.5)
1.41 (36.0)
4 x R3 Max.
1.70
(43.4)
1.29
(33.0)
2.44
(62.0)
Max.
1.41 (36.0)
1.11 (28.3)
1.22
(31.0)
1.33
(34.0)
2 x
Ø 0.12
(3.2)
2 x
Ø 0.14
(3.6) Min.
Suggested Panel Cutout
(Mounting from front)
Mechanical Details
Rated
current
Leakage current
Inductance
Capacitance
Resistance Weight Application Mounting
Filter
115VAC/60Hz
250VAC/50Hz @10kHz, 0.25V
Cx
Cy
1 A
0.25 mA
0.45 mA
2 x 6.5 mH
0.1 µF
4.4 nF
1 M
Ω 55g ITE Screw FCSS01SFR
3 A
0.25 mA
0.45 mA
2 x 2.5 mH
0.1 µF
4.4 nF
1 M
Ω 55g ITE Screw FCSS03SFR
6 A
0.25 mA
0.45 mA
2 x 0.8 mH
0.1 µF
4.4 nF
1 M
Ω 53g ITE Screw FCSS06SFR
10 A
0.25 mA
0.45 mA
2 x 0.2 mH
0.1 µF
4.4 nF
1 M
Ω 56g ITE Screw FCSS10SFR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com