Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FHSA Datasheet(PDF) 2 Page - XP Power Limited

Part # FHSA
Description  Chassis Mount Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FHSA Datasheet(HTML) 2 Page - XP Power Limited

  FHSA Datasheet HTML 1Page - XP Power Limited FHSA Datasheet HTML 2Page - XP Power Limited FHSA Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.xppower.com
2
EMI Filter
FHSA
Models & Ratings
80
0
-20
-40
020
40
60
80
100
120
20
40
60
100
Ambient Temperature (°C)
Thermal Derating
0.6
(17.5)
1.06
(27.0)
1.73
(44.0)
0.99
(25.2)
2.12
(54.1)
2.5
(63.9)
0.37 (9.5)
0.94
(24.0)
2
Ø 0.18 (4.8)
1.18
(30.0)
0.83
(21.2)
1.71
(43.5)
1.37
(35.0)
2.15
(54.5)
2.54
(64.5)
0.39 (10.0)
1.27 (32.5)
2
Ø 0.2 (5.3)
x 0.24 (6.3)
FHSAAxxA1FR
FHSAAxxA2FR
Mechanical Details
Rated
current
Leakage current
Inductance
at 10 kHz, 0.25 V
Capacitance
Resistance Weight Application Mounting
Filter
115VAC/60Hz 250VAC/50Hz
Cx
Cy
1 A
0.3 mA
0.6 mA
2 x 10 mH
0.1 µF
6.6 nF
1 M
Ω 37g ITE Chassis FHSAA01A1FR
3 A
0.3 mA
0.6 mA
2 x 1.2 mH
0.1 µF
6.6 nF
1 M
Ω 37g ITE Chassis FHSAA03A1FR
6 A
0.3 mA
0.6 mA
2 x 0.8 mH
0.1 µF
6.6 nF
1 M
Ω 43g ITE Chassis FHSAA06A1FR
10 A
0.3 mA
0.6 mA
2 x 0.3 mH
0.1 µF
6.6 nF
1 M
Ω 43g ITE Chassis FHSAA10A1FR
15 A
0.3 mA
0.6 mA
2 x 0.8 mH
0.1 µF
6.6 nF
1 M
Ω 99g ITE Chassis FHSAA15A2FR
20 A
0.3 mA
0.6 mA
2 x 0.6 mH
0.1 µF
6.6 nF
1 M
Ω 94g ITE Chassis FHSAA20A2FR
All dimensions in inches (mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com