Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCG0E331MCL1GS Datasheet(PDF) 1 Page - Nichicon corporation

Part # PCG0E331MCL1GS
Description  Chip Type, Higher Capacitance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCG0E331MCL1GS Datasheet(HTML) 1 Page - Nichicon corporation

  PCG0E331MCL1GS Datasheet HTML 1Page - Nichicon corporation PCG0E331MCL1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
45
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCGChipType,HigherCapacitance
Specifications
Temperature Characteristics
(Max.Impedance Ratio)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Tangent of loss angle (tan δ)
ESR ( 1)
Leakage Current ( 2)
Performance Characteristics
Item
–55 to +105°C
2.5 to 16V
47 to 4700µF
± 20% at 120Hz, 20°C
Less than or equal to the specified value at 120Hz, 20°C
Less than or equal to the specified value at 100kHz, 20°C
Less than or equal to the specified value. After 2 minutes' application of rated voltage at 20°C
Z+105°C / Z+20°C
1.25
(100kHz)
Z
–55°C / Z+20°C
1.25
Endurance
Damp Heat
(Steady State)
Resistance to
Soldering Heat
Marking
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 2000 hours at 105°C.
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 1000 hours at 60°C, 90% RH.
After soldering the capacitor under the soldering conditions
prescribed here, the capacitor shall meet the specifications listed at
right.
Pre-heating shall be done at 150 to 200°C and for 60 to 180 sec.
The duration for over +230°C temperature at capacitor surface shall
not exceed 60 seconds.
In case peak temperature is 250°C or less, reflow soldering shall be
two times maximum.
In case peak temperature is 260°C or less, reflow soldering shall be
once.
Measurement for solder temperature profile shall be made at the
capacitor top and the terminal.
Navy blue print on the case top
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of the initial capacitance value ( 3)
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of the initial capacitance value ( 3)
150% or less than the initial specified value
150% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 10% of the initial capacitance value ( 3)
130% or less than the initial specified value
130% or less than the initial specified value
Less than or equal to the initial specified value
Higher Capacitance, Low ESR, High ripple current.
Load life of 2000 hours at 105°C.
SMD type : Lead free reflow soldering condition at
260°C peak correspondence.
Compliant to the RoHS directive (2011/65/EU).
AEC-Q200 compliant. Please contact us for details.
1 ESR should be measured at both of the terminal ends closest where the terminals protrude through the plastic platform.
2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of applying DC rated voltage continuously to the capacitor for 120
minutes at 105°C.
3 Initial value : The value before test of examination of resistance to soldering.
P
1
C
2
G
3
0
4
J
5
4
6
7
7
1
8
M
9
C
10
L
11
1
12
G
13
S
14
Configuration
Taping code
Capacitance tolerance (±20%)
Rated capacitance (470µF)
Rated voltage (6.3V)
Series name
Type
H
0.3 MAX.
C±0.2
L
Series
Voltage ( j:6.3v)
Plastic platform
Lot No.
Capacitance
Negative
Positive
+0.1
-0.4
Dimensions
Type numbering system (Example : 6.3V 470µF)
Dimension table in next page.
PCG
PCF
Higher
Capacitance
Voltage
V
2.5
4
6.3
10
16
Code
e
g
j
A
C
Size
φD
L
A
B
C
E
H
φ5
× 6L
5.0
5.9
6.0
5.3
5.3
1.6
0.5 to 0.8
φ6.3
× 6L
6.3
5.9
7.3
6.6
6.6
2.1
0.5 to 0.8
φ8
× 7L
8.0
6.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ10
× 8L
10.0
7.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10
× 10L
10.0
9.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10
× 12.7L
10.0
12.6
11.0
10.3
10.3
4.6
0.8 to 1.1
(mm)
Frequency coefficient of rated ripple current
0 Frequency0/
Coefficient
120Hz 1kHz 10kHz 100kHz or more
0.05
0.30
0.70
1.00


Similar Part No. - PCG0E331MCL1GS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
PCG0E332MCL1GS NICHICON-PCG0E332MCL1GS Datasheet
60Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results

Similar Description - PCG0E331MCL1GS

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500R222M350BC2B CDE-500R222M350BC2B Datasheet
201Kb / 7P
New Higher Ripple Current than Type 500C Screw Terminal Type
logo
Nippon Precision Circui...
APMA160ARA560MF35S NPC-APMA160ARA560MF35S Datasheet
588Kb / 3P
Low profile and higher capacitance with the new structure.
logo
Cornell Dubilier Electr...
381LQ CDE-381LQ_16 Datasheet
622Kb / 11P
Higher Capacitance per Case Size
500R CDE-500R_17 Datasheet
789Kb / 7P
New Higher Ripple Current than Type 500C Screw Terminal Type
logo
Nichicon corporation
PCJ NICHICON-PCJ Datasheet
1,001Kb / 2P
Chip Type, Low ESR, Higher Capacitance
PCL NICHICON-PCL Datasheet
1,001Kb / 2P
Chip Type, Higher Capacitance LongLife Assurance
PLG NICHICON-PLG Datasheet
889Kb / 2P
Radial Lead Type, Higher Capacitance
PCH NICHICON-PCH Datasheet
1,016Kb / 2P
Chip Type, Higher Capacitance High Temperature Range
UUJ2A470MNQ1MS NICHICON-UUJ2A470MNQ1MS Datasheet
368Kb / 3P
Chip Type, Higher Capacitance Range
logo
ams AG
GWCSSRM1.BM AMSCO-GWCSSRM1.BM Datasheet
1Mb / 24P
Higher performance.
Version 1.6 2020-03-25
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com