Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCG0E331MCO1GS Datasheet(PDF) 2 Page - Nichicon corporation

Part # PCG0E331MCO1GS
Description  Chip Type, Higher Capacitance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCG0E331MCO1GS Datasheet(HTML) 2 Page - Nichicon corporation

  PCG0E331MCO1GS Datasheet HTML 1Page - Nichicon corporation PCG0E331MCO1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
46
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCG
Dimensions
Taping specifications are given in page 23.
Recommended land size, soldering by reflow are given in page 18, 19.
Please refer to page 3 for the minimum order quantity.
Rated ripple current (mArms) at 105°C 100kHz
2.5
(0E)
16
(1C)
18.4
10
(1A)
6.3
(0J)
11.5
7.2
4
(0G)
2.8
4.6
220
330
330
470
560
820
1500
2700
3300
4700
180
220
220
390
680
1200
2200
2700
3300
150
180
180
270
330
470
1000
1800
2200
2700
82
100
150
180
330
560
820
1000
1500
47
56
82
100
150
270
470
680
820
110
500
500
235
280
410
750
1350
1650
2350
144
300
300
312
544
960
1760
2160
2640
189
500
500
340
416
592
1260
2268
2772
3402
164
250
300
360
660
1120
1640
2000
3000
150
240
262
320
480
864
1504
2176
2624
30
30
10
20
20
20
17
12
10
10
32
32
15
22
21
17
13
11
11
33
33
17
23
23
22
18
14
12
12
35
35
25
25
23
20
15
13
13
40
40
30
30
28
25
20
18
18
2100
2200
3300
2900
3000
3300
4100
4700
5500
5600
1900
2000
2900
2700
3200
4000
4600
5300
5400
1800
1900
3000
2600
2700
3100
3800
4400
5000
5100
1700
1800
2500
2600
3100
3600
4300
4800
4900
1500
1600
2300
2400
2800
3300
3700
4100
4200
PCG0E221MCL1GS
PCG0E331MCL1GS
PCG0E331MCO1GS
PCG0E471MCL1GS
PCG0E561MCL1GS
PCG0E821MCL1GS
PCG0E152MCL1GS
PCG0E272MCL1GS
PCG0E332MCL1GS
PCG0E472MCL1GS
PCG0G181MCL1GS
PCG0G221MCL1GS
PCG0G221MCO1GS
PCG0G391MCL1GS
PCG0G681MCL1GS
PCG0G122MCL1GS
PCG0G222MCL1GS
PCG0G272MCL1GS
PCG0G332MCL1GS
PCG0J151MCL1GS
PCG0J181MCL1GS
PCG0J181MCO1GS
PCG0J271MCL1GS
PCG0J331MCL1GS
PCG0J471MCL1GS
PCG0J102MCL1GS
PCG0J182MCL1GS
PCG0J222MCL1GS
PCG0J272MCL1GS
PCG1A820MCL1GS
PCG1A101MCL1GS
PCG1A151MCL1GS
PCG1A181MCL1GS
PCG1A331MCL1GS
PCG1A561MCL1GS
PCG1A821MCL1GS
PCG1A102MCL1GS
PCG1A152MCL1GS
PCG1C470MCL1GS
PCG1C560MCL1GS
PCG1C820MCL1GS
PCG1C101MCL1GS
PCG1C151MCL1GS
PCG1C271MCL1GS
PCG1C471MCL1GS
PCG1C681MCL1GS
PCG1C821MCL1GS
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
5 × 6
5 × 6
5 × 6
6.3 × 6
6.3 × 6
8 × 7
10 × 8
10 × 10
10 × 12.7
10 × 12.7
5 × 6
5 × 6
5 × 6
6.3 × 6
8 × 7
10 × 8
10 × 10
10 × 12.7
10 × 12.7
5 × 6
5 × 6
5 × 6
6.3 × 6
6.3 × 6
8 × 7
10 × 8
10 × 10
10 × 12.7
10 × 12.7
5 × 6
5 × 6
6.3 × 6
6.3 × 6
8 × 7
10 × 8
10 × 10
10 × 12.7
10 × 12.7
5 × 6
5 × 6
6.3 × 6
6.3 × 6
8 × 7
10 × 8
10 × 10
10 × 12.7
10 × 12.7
Rated Capacitance
(µF)
Rated Voltage
(V)(code)
Surge Voltage
(V)
Leakage Current
(µA)
ESR (m )
(at 100kHz 20°C)
Rated Ripple
(mArms)
tan δ
Part Number
Case Size
φD × L (mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com